Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3843P Datasheet(PDF) 1 Page - AUK corp

Part # S3843P
Description  Current Mode PWM Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S3843P Datasheet(HTML) 1 Page - AUK corp

  S3843P Datasheet HTML 1Page - AUK corp S3843P Datasheet HTML 2Page - AUK corp S3843P Datasheet HTML 3Page - AUK corp S3843P Datasheet HTML 4Page - AUK corp S3843P Datasheet HTML 5Page - AUK corp S3843P Datasheet HTML 6Page - AUK corp S3843P Datasheet HTML 7Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
KSI-L007-000
1
S3843P
Current Mode PWM Controller
Descriptions
The S3843 is fixed Current PWM controller for Off-line and DC-DC converter applications.
The internal circuits feature a trimmed oscillator for precise duty cycle control, a
temperature compensated reference, high gain error amplifier current sensing comparator,
and a high current totempole output for driving a power MOSFET. Protection circuitly
includes built in under voltage lockout and current limiting. S3843 have UVLO threshold of
8.4V(on) and 7.6V(off). S3843 can operate within 100% duty cycle.
Features
• Optimized for off-line and DC to DC converters
• Low start up current < 1 mA
• Operating range up to 500 KHz
• Pulse-by-pulse current limiting
• Under Voltage Lock Out with hysteresis
High current totempole output
• Short shutdown delay time ; typical 100nsec
Ordering Information
Type NO.
Marking
Package Code
S3843P
S3843P
DIP-8
Outline Dimensions
unit : mm
S
Seem
miiccoon
nd
du
uccttoorr
PIN Connections
1. Output / Compensation
2. Voltage feedback. Input
3. Current sense Input
4. Rt/Ct
5. GND
6. Output
7. Vcc
8. Vref


Similar Part No. - S3843P

ManufacturerPart #DatasheetDescription
logo
AUK corp
S3843 AUK-S3843 Datasheet
295Kb / 8P
   Current Mode PWM Controller
More results

Similar Description - S3843P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com