Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3843P Datasheet(PDF) 7 Page - AUK corp

Part # S3843P
Description  Current Mode PWM Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S3843P Datasheet(HTML) 7 Page - AUK corp

  S3843P Datasheet HTML 1Page - AUK corp S3843P Datasheet HTML 2Page - AUK corp S3843P Datasheet HTML 3Page - AUK corp S3843P Datasheet HTML 4Page - AUK corp S3843P Datasheet HTML 5Page - AUK corp S3843P Datasheet HTML 6Page - AUK corp S3843P Datasheet HTML 7Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
KSI-L007-000
7
Electrical Characteristic Curves
S3843P
OUTPUT DEAD-TIME vs.
OSCILLATOR FREQUENCY
fOSC O S CILLA TO R FREQ UENCY (KHz )
1.0
2.0
5.0
10
100
50
20
10K
20K
50K
100K
200K
500K 1.0M
V cc=15V
Ta = 25
oC
Ct =10n F
2.0n F
5.0n F
1.0n F
500pF
200pF
100pF
TIMING RESISTOR vs.
OSCILLATOR FREQUENCY
fOSC OS CILLATOR FREQUENCY (KHz )
0.8
2.0
5.0
8.0
80
50
20
10K
20K
50K
100K
200K
500K 1.0M
V cc=15V
Ta = 25
oC
CT=10n F
2.0n F
5.0n F
1.0n F
500pF
200pF
100pF
10
100
1K
10K
100K
1M
10M
FREQUENCY (Hz)
20
40
60
80
0
Error Amplifier Open-Loop
Frequency Response
-135
-90
-45
0
-180
AV
φ
1
2
3
4
0
Output Saturation Characteristics
OUTPUT CURRENT SOURCE OR SINK (A)
0.1
0.2
0.3 0.4 0.5 0.7
1
2
3
45
710
Vcc=15V
Ta = 25oC
Ta=-55oC
SINK SAT(VOL)
SOURCE SAT(Vcc-VOH)


Similar Part No. - S3843P

ManufacturerPart #DatasheetDescription
logo
AUK corp
S3843 AUK-S3843 Datasheet
295Kb / 8P
   Current Mode PWM Controller
More results

Similar Description - S3843P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com