Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1301060116 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301060116
Description  Super-Safeway Molded Rubber Stringlight 200W 12/3 SOOW 1.52m
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301060116 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301060116 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301060116
Status:
Active
Overview:
Stringlights
Description:
Super-Safeway™ Molded Rubber Stringlight 200W 12/3 SOOW 1.52m (5.0') Lead 5
Sockets, NEMA L5-15 Plug, Overall Length 15.24m (50.0')
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
General
Product Family
Portable Lighting
Series
130106
NEMA Configuration
NEMA L5-15
NEMA Rating
Rain Tight
Outlet
None
Overview
Stringlights
Product Literature Order No
987650-8055
Product Name
Super-Safeway™
Type
String Lights
UPC
78678879897
Woodhead
Yes
Physical
Cord Length - Primary
1.52m (5.0')
Cord Length - Secondary
1.52m (5.0')
Depth
47.625mm (1.875")
Duty
Industrial
Guard Included
No
Guard Type
N/A
Height
107.95mm (4.250")
Length
15.24m (50.0')
Material - Guard
N/A
Mounting Style
Stringer
Packaging Type
Carton
Socket Construction
Rubber Molded
Electrical
Bulb Type
Incandescent
Cord Type - Primary
12/3 SOOW
Lamp Type
A21
Lamp Wattage - Maximum
200W
Lumens
2000
On/Off Switch
No
Voltage (Fixture) - Maximum
120VAC 60 HZ
Material Info
Old Part Number
323533
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130106 Series
This document was generated on 10/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301060116

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301060110 MOLEX11-1301060110 Datasheet
45Kb / 1P
   Super-Safeway Molded Rubber Stringlight 200W 12/3 SOOW 1.52m
1301060112 MOLEX11-1301060112 Datasheet
45Kb / 1P
   Super-Safeway Molded Rubber Stringlight 200W 12/3 SOOW 1.52m
1301060114 MOLEX11-1301060114 Datasheet
45Kb / 1P
   Super-Safeway Molded Rubber Stringlight 200W 12/3 SOOW 1.52m
1301060115 MOLEX11-1301060115 Datasheet
45Kb / 1P
   Super-Safeway Molded Rubber Stringlight 200W 12/3 SOOW 1.52m
1301060117 MOLEX11-1301060117 Datasheet
45Kb / 1P
   Super-Safeway Molded Rubber Stringlight 200W 12/3 SOOW 1.52m
More results

Similar Description - 1301060116

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301060118 MOLEX11-1301060118 Datasheet
45Kb / 1P
   Super-Safeway Molded Rubber Stringlight 200W 12/3 SOOW 1.52m
1301060107 MOLEX11-1301060107 Datasheet
45Kb / 1P
   Super-Safeway Molded Rubber Stringlight 200W 12/3 SOOW 1.52m
1301060117 MOLEX11-1301060117 Datasheet
45Kb / 1P
   Super-Safeway Molded Rubber Stringlight 200W 12/3 SOOW 1.52m
1301060119 MOLEX11-1301060119 Datasheet
45Kb / 1P
   Super-Safeway Molded Rubber Stringlight 200W 12/3 SOOW 1.52m
1301060108 MOLEX11-1301060108 Datasheet
45Kb / 1P
   Super-Safeway Molded Rubber Stringlight 200W 12/3 SOOW 1.52m
1301060109 MOLEX11-1301060109 Datasheet
45Kb / 1P
   Super-Safeway Molded Rubber Stringlight 200W 12/3 SOOW 1.52m
1301060114 MOLEX11-1301060114 Datasheet
45Kb / 1P
   Super-Safeway Molded Rubber Stringlight 200W 12/3 SOOW 1.52m
1301060115 MOLEX11-1301060115 Datasheet
45Kb / 1P
   Super-Safeway Molded Rubber Stringlight 200W 12/3 SOOW 1.52m
1301060106 MOLEX11-1301060106 Datasheet
45Kb / 1P
   Super-Safeway Molded Rubber Stringlight 200W 12/3 SOOW 1.52m
1301060104 MOLEX11-1301060104 Datasheet
45Kb / 1P
   Super-Safeway Molded Rubber Stringlight 200W 12/3 SOOW 1.52m
1301060105 MOLEX11-1301060105 Datasheet
45Kb / 1P
   Super-Safeway Molded Rubber Stringlight 200W 12/3 SOOW 1.52m
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com