Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCE65R900F Datasheet(PDF) 7 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE65R900F
Description  N-Channel Super Junction Power MOSFET ll
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE65R900F Datasheet(HTML) 7 Page - Wuxi NCE Power Semiconductor Co., Ltd

Back Button NCE65R900F Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R900F Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R900F Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R900F Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R900F Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R900F Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R900F Datasheet HTML 8Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R900F Datasheet HTML 9Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R900F Datasheet HTML 10Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Wuxi NCE Power Semiconductor Co., Ltd
Page
http://www.ncepower.com
v1.0
7
NCE65R900D,NCE65R900, NCE65R900F
TO-263-2L Package Information
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Max.
Min.
Max.
A
4.470
4.670
0.176
0.184
A1
0.000
0.150
0.000
0.006
B
1.170
1.370
0.046
0.054
b
0.710
0.910
0.028
0.036
b1
1.170
1.370
0.046
0.054
c
0.310
0.530
0.012
0.021
c1
1.170
1.370
0.046
0.054
D
10.010
10.310
0.394
0.406
E
8.500
8.900
0.335
0.350
e
2.540 TYP.
0.100 TYP.
e1
4.980
5.180
0.196
0.204
L
15.050
15.450
0.593
0.608
L1
5.080
5.480
0.200
0.216
L2
2.340
2.740
0.092
0.108
L3
1.300
1.700
0.051
0.067
V
5.600 REF
0.220 REF


Similar Part No. - NCE65R900F

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NCE65R900 VBSEMI-NCE65R900 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
NCE65R900D VBSEMI-NCE65R900D Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
Wuxi NCE Power Semicond...
NCE65R900I NCEPOWER-NCE65R900I Datasheet
777Kb / 8P
   N-Channel Super Junction Power MOSFET ll
NCE65R900K NCEPOWER-NCE65R900K Datasheet
777Kb / 8P
   N-Channel Super Junction Power MOSFET ll
More results

Similar Description - NCE65R900F

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE70R540D NCEPOWER-NCE70R540D Datasheet
669Kb / 10P
   N-Channel Super Junction Power MOSFET ll
NCE60R900D NCEPOWER-NCE60R900D Datasheet
669Kb / 10P
   N-Channel Super Junction Power MOSFET ll
NCE60R540I NCEPOWER-NCE60R540I Datasheet
805Kb / 8P
   N-Channel Super Junction Power MOSFET ll
NCE60R360K NCEPOWER-NCE60R360K Datasheet
515Kb / 7P
   N-Channel Super Junction Power MOSFET ll
NCE65R360D NCEPOWER-NCE65R360D Datasheet
673Kb / 10P
   N-Channel Super Junction Power MOSFET ll
NCE70R540I NCEPOWER-NCE70R540I Datasheet
801Kb / 8P
   N-Channel Super Junction Power MOSFET ll
NCE65R360K NCEPOWER-NCE65R360K Datasheet
569Kb / 7P
   N-Channel Super Junction Power MOSFET ll
NCE65R540D NCEPOWER-NCE65R540D Datasheet
671Kb / 10P
   N-Channel Super Junction Power MOSFET ll
NCE65R900I NCEPOWER-NCE65R900I Datasheet
777Kb / 8P
   N-Channel Super Junction Power MOSFET ll
NCE60R360D NCEPOWER-NCE60R360D Datasheet
672Kb / 10P
   N-Channel Super Junction Power MOSFET ll
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com