Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO5852SDWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ISO5852SDWR
Description  High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Split Outputs and Active Safety Features
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO5852SDWR Datasheet(HTML) 5 Page - Texas Instruments

  ISO5852SDWR Datasheet HTML 1Page - Texas Instruments ISO5852SDWR Datasheet HTML 2Page - Texas Instruments ISO5852SDWR Datasheet HTML 3Page - Texas Instruments ISO5852SDWR Datasheet HTML 4Page - Texas Instruments ISO5852SDWR Datasheet HTML 5Page - Texas Instruments ISO5852SDWR Datasheet HTML 6Page - Texas Instruments ISO5852SDWR Datasheet HTML 7Page - Texas Instruments ISO5852SDWR Datasheet HTML 8Page - Texas Instruments ISO5852SDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
ISO5852S
www.ti.com
SLLSEQ0A – AUGUST 2015 – REVISED SEPTEMBER 2015
7.4 Thermal Information
DW (SOIC)
THERMAL METRIC(1)
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
99.6
RθJC(top)
Junction-to-case (top) thermal resistance
48.5
RθJB
Junction-to-board thermal resistance
56.5
°C/W
ψJT
Junction-to-top characterization parameter
29.2
ψJB
Junction-to-board characterization parameter
56.5
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5 Power Rating
VALUE
UNIT
PD
Maximum power dissipation(1)
VCC1 = 5.5-V, VCC2 = 30-V, TA = 25°C
1255
PID
Maximum Input power dissipation
VCC1 = 5.5-V, VCC2 = 30-V, TA = 25°C
175
mW
POD
Maximum Output power dissipation
VCC1 = 5.5-V, VCC2 = 30-V, TA = 25°C
1080
(1)
Full chip power dissipation is de-rated 10.04 mW/°C beyond 25°C ambient temperature. At 125°C ambient temperature, a maximum of
251 mW total power dissipation is allowed. Power dissipation can be optimized depending on ambient temperature and board design,
while ensuring that Junction temperature does not exceed 150°C.
7.6 Electrical Characteristics
Over recommended operating conditions unless otherwise noted. All typical values are at TA = 25°C, VCC1 = 5 V, VCC2
GND2 = 15 V, GND2 – VEE2 = 8 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE SUPPLY
Positive-going UVLO1 threshold voltage
VIT+(UVLO1)
2.25
V
input side
Negative-going UVLO1 threshold voltage
VIT-(UVLO1)
1.7
V
input side
UVLO1 Hysteresis voltage (VIT+ – VIT–)
VHYS(UVLO1)
0.2
V
input side
Positive-going UVLO2 threshold voltage
VIT+(UVLO2)
12
13
V
output side
Negative-going UVLO2 threshold voltage
VIT-(UVLO2)
9.5
11
V
output side
UVLO2 Hysteresis voltage (VIT+ – VIT–)
VHYS(UVLO2)
1
V
output side
IQ1
Input supply quiescent current
2.8
4.5
mA
IQ2
Output supply quiescent current
3.6
6
mA
LOGIC I/O
Positive-going input threshold voltage (IN+,
VIT+(IN,RST)
0.7 x VCC1
V
IN-, RST)
Negative-going input threshold voltage
VIT-(IN,RST)
0.3 x VCC1
V
(IN+, IN-, RST)
VHYS(IN,RST)
Input hysteresis voltage (IN+, IN-, RST)
0.15 x VCC1
V
IIH
High-level input leakage at (IN+)(1)
IN+ = VCC1
100
µA
IIL
Low-level input leakage at (IN-, RST)(2)
IN- = GND1, RST = GND1
-100
µA
IPU
Pull-up current of FLT, RDY
V(RDY) = GND1, V(FLT) = GND1
100
µA
V(OL)
Low-level output voltage at FLT, RDY
I(FLT) = 5 mA
0.2
V
GATE DRIVER STAGE
V(OUTPD)
Active output pull-down voltage
I(OUTH/L) = 200 mA, VCC2 = open
2
V
VOUTH
High-level output voltage
I(OUTH) = –20 mA
VCC2 - 0.5
VCC2 - 0.24
V
VOUTL
Low-level output voltage
I(OUTL) = 20 mA
VEE2 + 13
VEE2 + 50
mV
IN+ = high, IN- = low,
I(OUTH)
High-level output peak current
1.5
2.5
A
V(OUTH) = VCC2 - 15 V
(1)
IIH for IN-, RST pin is zero as they are pulled high internally
(2)
IIL for IN+ is zero, as it is pulled low internally
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ISO5852S


Similar Part No. - ISO5852SDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO5852S TI1-ISO5852S Datasheet
1Mb / 43P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
ISO5852S TI1-ISO5852S Datasheet
1Mb / 43P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
ISO5852S-EP TI1-ISO5852S-EP Datasheet
1Mb / 43P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
ISO5852S-EP TI1-ISO5852S-EP Datasheet
1Mb / 43P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
ISO5852S-EP TI1-ISO5852S-EP_17 Datasheet
1Mb / 43P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
More results

Similar Description - ISO5852SDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO5452 TI-ISO5452 Datasheet
1Mb / 37P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Split Outputs and Active Safety Features
ISO5851 TI-ISO5851 Datasheet
1Mb / 34P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Active Safety Features
ISO5451 TI-ISO5451 Datasheet
1Mb / 38P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Active Safety Features
ISO5852S-EP TI1-ISO5852S-EP Datasheet
1Mb / 43P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
ISO5852S-EP TI1-ISO5852S-EP_17 Datasheet
1Mb / 43P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
ISO5452-Q1 TI1-ISO5452-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
ISO5451-Q1 TI1-ISO5451-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
ISO5851-Q1 TI1-ISO5851-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
ISO5852S-Q1 TI1-ISO5852S-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver
ISO5500 TI1-ISO5500 Datasheet
1Mb / 40P
[Old version datasheet]   2.5 A Isolated IGBT, MOSFET Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com