Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO5852S Datasheet(PDF) 10 Page - Texas Instruments

Part # ISO5852S
Description  High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Split Outputs and Active Safety Features
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO5852S Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO5852S_15 Datasheet HTML 6Page - Texas Instruments ISO5852S_15 Datasheet HTML 7Page - Texas Instruments ISO5852S_15 Datasheet HTML 8Page - Texas Instruments ISO5852S_15 Datasheet HTML 9Page - Texas Instruments ISO5852S_15 Datasheet HTML 10Page - Texas Instruments ISO5852S_15 Datasheet HTML 11Page - Texas Instruments ISO5852S_15 Datasheet HTML 12Page - Texas Instruments ISO5852S_15 Datasheet HTML 13Page - Texas Instruments ISO5852S_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Ambient Temperature (GC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
10
20
30
40
50
60
70
80
90
100
D012
tpLH at VCC2 = 15 V
tpHL at VCC2 = 15 V
tpLH at VCC2 = 30 V
tpHL at VCC2 = 30 V
Ambient Temperature (GC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
10
20
30
40
50
60
70
80
90
100
D013
tpLH at VCC1 = 3.3 V
tpHL at VCC1 = 3.3 V
tpLH at VCC1 = 5 V
tpHL at VCC1 = 5 V
Input Frequency - (kHz)
0
50
100
150
200
250
300
2
2.5
3
3.5
4
4.5
5
5.5
D009
VCC2 = 15 V
VCC2 = 20 V
VCC2 = 30 V
Load Capacitance (nF)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
D011
VCC2 = 15 V
VCC2 = 30 V
Input Frequency - (kHz)
0
50
100
150
200
250
300
0
0.5
1
1.5
2
2.5
3
D008
VCC1 = 3 V
VCC1 = 5.5 V
Ambient Temperature (GC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
2
2.5
3
3.5
4
4.5
5
D010
VCC2 = 15 V
VCC2 = 20 V
VCC2 = 30 V
ISO5852S
SLLSEQ0A – AUGUST 2015 – REVISED SEPTEMBER 2015
www.ti.com
Typical Characteristics (continued)
Input frequency = 1 kHz
Figure 18. ICC1 Supply Current vs Input Frequency
Figure 19. ICC2 Supply Current vs Temperature
No CL
RGH = 10 Ω
RGL = 5 Ω, 20 kHz
Figure 20. ICC2 Supply Current vs Input Frequency
Figure 21. ICC2 Supply Current vs Load Capacitance
CL = 1nF
RGH = 0 Ω
RGL = 0 Ω
CL = 1nF
RGH = 0 Ω
RGL = 0 Ω
VCC1 = 5 V
VCC2 = 15 V
Figure 22. Propagation Delay vs Temperature
Figure 23. Propagation Delay vs Temperature
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ISO5852S


Similar Part No. - ISO5852S_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO5852S-EP TI1-ISO5852S-EP Datasheet
1Mb / 43P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
ISO5852S-EP TI1-ISO5852S-EP Datasheet
1Mb / 43P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
ISO5852S-EP TI1-ISO5852S-EP_17 Datasheet
1Mb / 43P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
ISO5852S-Q1 TI1-ISO5852S-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver
ISO5852S-Q1 TI1-ISO5852S-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
More results

Similar Description - ISO5852S_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO5452 TI-ISO5452 Datasheet
1Mb / 37P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Split Outputs and Active Safety Features
ISO5851 TI-ISO5851 Datasheet
1Mb / 34P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Active Safety Features
ISO5451 TI-ISO5451 Datasheet
1Mb / 38P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Active Safety Features
ISO5852S-EP TI1-ISO5852S-EP Datasheet
1Mb / 43P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
ISO5852S-EP TI1-ISO5852S-EP_17 Datasheet
1Mb / 43P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
ISO5452-Q1 TI1-ISO5452-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
ISO5451-Q1 TI1-ISO5451-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
ISO5851-Q1 TI1-ISO5851-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
ISO5852S-Q1 TI1-ISO5852S-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver
ISO5500 TI1-ISO5500 Datasheet
1Mb / 40P
[Old version datasheet]   2.5 A Isolated IGBT, MOSFET Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com