Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO5452DW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO5452DW
Description  High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Split Outputs and Active Safety Features
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO5452DW Datasheet(HTML) 1 Page - Texas Instruments

  ISO5452DW Datasheet HTML 1Page - Texas Instruments ISO5452DW Datasheet HTML 2Page - Texas Instruments ISO5452DW Datasheet HTML 3Page - Texas Instruments ISO5452DW Datasheet HTML 4Page - Texas Instruments ISO5452DW Datasheet HTML 5Page - Texas Instruments ISO5452DW Datasheet HTML 6Page - Texas Instruments ISO5452DW Datasheet HTML 7Page - Texas Instruments ISO5452DW Datasheet HTML 8Page - Texas Instruments ISO5452DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ISO5452
SLLSEQ4A – AUGUST 2015 – REVISED SEPTEMBER 2015
ISO5452 High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
with Split Outputs and Active Safety Features
1 Features
3 Description
The ISO5452 is a 5.7-kVRMS, reinforced isolated gate
1
50-kV/
μs Minimum and 100-kV/μs Typical
driver for IGBTs and MOSFETs with split outputs,
Common-Mode Transient Immunity (CMTI)
OUTH and OUTL, providing 2.5-A source and 5-A
at VCM = 1500 V
sink current. The input side operates from a single
Split Outputs to provide 2.5-A Peak Source and
2.25-V to 5.5-V supply. The output side allows for a
5-A Peak Sink Currents
supply range from minimum 15-V to maximum
30-V. Two complementary CMOS inputs control the
Short Propagation Delay: 76 ns (Typ),
output state of the gate driver. The short propagation
110 ns (Max)
time of 76 ns assures accurate control of the output
2-A Active Miller Clamp
stage.
Output Short-Circuit Clamp
An internal desaturation (DESAT) fault detection
Soft Turn-Off (STO) during Short Circuit
recognizes when the IGBT is in an overcurrent
Fault Alarm upon Desaturation Detection is
condition. Upon a DESAT detect, a Mute logic
Signaled on FLT and Reset Through RST
immediately blocks the output of the isolator and
initiates a soft-turn-off procedure which disables,
Input and Output Under Voltage Lock-Out (UVLO)
OUTH, and pulls OUTL to low over a time span of
with Ready (RDY) Pin Indication
2
μs. When OUTL reaches 2 V with respect to the
Active Output Pull-down and Default Low Outputs
most negative supply potential, VEE2, the gate driver
with Low Supply or Floating Inputs
output is pulled hard to VEE2 potential turning the
2.25-V to 5.5-V Input Supply Voltage
IGBT immediately off.
15-V to 30-V Output Driver Supply Voltage
When desaturation is active, a fault signal is sent
across the isolation barrier pulling the FLT output at
CMOS Compatible Inputs
the input side low and blocking the isolator input.
Rejects Input Pulses and Noise Transients
Mute logic is activated through the soft-turn-off
Shorter Than 20 ns
period. The FLT output condition is latched and can
Operating Temperature: –40°C to 125°C Ambient
be reset only after RDY goes high, through a low-
Surge Immunity 10000-VPK (according to IEC
active pulse at the RST input.
61000-4-5)
Device Information(1)
Safety and Regulatory Certifications:
PART NUMBER
PACKAGE
BODY SIZE (NOM)
8000-VPK VIOTM and 1420-VPK VIORM
ISO5452
SOIC (16)
10.30 mm × 7.50 mm
Reinforced Isolation per DIN V VDE V 0884-10
(1) For all available packages, see the orderable addendum at
(VDE V 0884-10):2006-12
the end of the datasheet.
5700-VRMS Isolation for 1 Minute per UL 1577
CSA Component Acceptance Notice 5A, IEC
Functional Block Diagram
60950-1, IEC 60601-1 and IEC 61010-1 End
Equipment Standards
CQC Certification per GB4943.1-2011
All Certifications are Planned
2 Applications
Isolated IGBT and MOSFET Drives in
Industrial Motor Control Drives
Industrial Power Supplies
Solar Inverters
HEV and EV Power Modules
Induction Heating
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ISO5452DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO5452-Q1 TI1-ISO5452-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
ISO5452QDWQ1 TI1-ISO5452QDWQ1 Datasheet
1Mb / 41P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
ISO5452QDWRQ1 TI1-ISO5452QDWRQ1 Datasheet
1Mb / 41P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
More results

Similar Description - ISO5452DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO5852S TI-ISO5852S_15 Datasheet
1Mb / 37P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Split Outputs and Active Safety Features
ISO5851 TI-ISO5851 Datasheet
1Mb / 34P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Active Safety Features
ISO5451 TI-ISO5451 Datasheet
1Mb / 38P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Active Safety Features
ISO5852S-EP TI1-ISO5852S-EP Datasheet
1Mb / 43P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
ISO5852S-EP TI1-ISO5852S-EP_17 Datasheet
1Mb / 43P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
ISO5452-Q1 TI1-ISO5452-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
ISO5451-Q1 TI1-ISO5451-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
ISO5851-Q1 TI1-ISO5851-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
ISO5852S-Q1 TI1-ISO5852S-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver
ISO5500 TI1-ISO5500 Datasheet
1Mb / 40P
[Old version datasheet]   2.5 A Isolated IGBT, MOSFET Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com