Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO5452 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ISO5452
Description  High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Split Outputs and Active Safety Features
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO5452 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO5452 Datasheet HTML 2Page - Texas Instruments ISO5452 Datasheet HTML 3Page - Texas Instruments ISO5452 Datasheet HTML 4Page - Texas Instruments ISO5452 Datasheet HTML 5Page - Texas Instruments ISO5452 Datasheet HTML 6Page - Texas Instruments ISO5452 Datasheet HTML 7Page - Texas Instruments ISO5452 Datasheet HTML 8Page - Texas Instruments ISO5452 Datasheet HTML 9Page - Texas Instruments ISO5452 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
ISO5452
SLLSEQ4A – AUGUST 2015 – REVISED SEPTEMBER 2015
www.ti.com
Electrical Characteristics (continued)
Over recommended operating conditions unless otherwise noted. All typical values are at TA = 25°C, VCC1 = 5 V,
VCC2 – GND2 = 15 V, GND2 – VEE2 = 8 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IN+ = low, IN- = high,
I(OUTL)
Low-level output peak current
3.4
5
A
V(OUTL) = VEE2 + 15 V
Low level output current during fault
I(OLF)
130
mA
condition
ACTIVE MILLER CLAMP
V(CLP)
Low-level clamp voltage
I(CLP) = 20 mA
VEE2 + 0.015
VEE2 + 0.08
V
I(CLP)
Low-level clamp current
V(CLAMP) = VEE2 + 2.5 V
1.6
2.5
3.3
A
V(CLTH)
Clamp threshold voltage
1.6
2.1
2.5
V
SHORT CIRCUIT CLAMPING
Clamping voltage
IN+ = high, IN- = low, tCLP = 10 µs,
V(CLP_OUTH)
1,1
1.3
V
(VOUTH - VCC2)
I(OUTH) = 500 mA
Clamping voltage
IN+ = high, IN- = low, tCLP = 10 µs,
V(CLP_OUTL)
1.3
1.5
V
(VOUTL - VCC2)
I(OUTL) = 500 mA
Clamping voltage
IN+ = high, IN- = low, tCLP = 10 µs,
1.3
V
(VCLP - VCC2)
I(CLP) = 500 mA
V(CLP_CLAMP)
Clamping voltage at CLAMP
IN+ = High, IN- = Low, I(CLP) = 20 mA
0.7
1.1
V
Clamping voltage at OUTL
IN+ = High, IN- = Low, I(OUTL) = 20
V(CLP_OUTL)
0.7
1.1
V
(VCLP - VCC2)
mA
DESAT PROTECTION
I(CHG)
Blanking capacitor charge current
V(DESAT) - GND2 = 2 V
0.42
0.5
0.58
mA
I(DCHG)
Blanking capacitor discharge current
V(DESAT) - GND2 = 6 V
9
14
mA
DESAT threshold voltage with respect to
V(DSTH)
8.3
9
9.5
V
GND2
DESAT voltage with respect to GND2,
V(DSL)
0.4
1
V
when OUTH/L is driven low
7.7 Switching Characteristics
Over recommended operating conditions unless otherwise noted. All typical values are at TA = 25°C, VCC1 = 5 V,
VCC2 – GND2 = 15 V, GND2 – VEE2 = 8 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Output signal rise time
12
18
35
ns
tf
Output signal fall time
12
20
37
ns
tPLH, tPHL
Propagation Delay
76
110
ns
CLOAD = 1 nF
tsk-p
Pulse Skew |tPHL – tPLH|
20
ns
see Figure 41, Figure 42 and
tsk-pp
Part-to-part skew
30(1)
ns
Figure 43
tGF
Glitch filter on IN+, IN-, RST
20
30
40
ns
DESAT sense to 90% VOUTH/L
tDS (90%)
553
760
ns
delay
CLOAD = 10 nF
DESAT sense to 10% VOUTH/L
tDS (10%)
2
3.5
μs
delay
tDS (GF)
DESAT glitch filter delay
CLOAD = 1 nF
330
ns
tDS (FLT)
DESAT sense to FLT-low delay
see Figure 43
1.4
μs
tLEB
Leading edge blanking time
see Figure 41 and Figure 42
310
400
480
ns
Glitch filter on RST for resetting
tGF(RSTFLT)
300
800
ns
FLT
VI = VCC1/2 + 0.4 x sin (2πft),
CI
Input capacitance(2)
2
pF
f = 1 MHz, VCC1 = 5 V
Common-mode transient
CMTI
VCM = 1500 V, see Figure 44
50
100
kV/
μs
immunity
(1)
Measured at same supply voltage and temperature condition
(2)
Measured from input pin to ground.
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ISO5452


Similar Part No. - ISO5452

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO5452-Q1 TI1-ISO5452-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
ISO5452QDWQ1 TI1-ISO5452QDWQ1 Datasheet
1Mb / 41P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
ISO5452QDWRQ1 TI1-ISO5452QDWRQ1 Datasheet
1Mb / 41P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
More results

Similar Description - ISO5452

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO5852S TI-ISO5852S_15 Datasheet
1Mb / 37P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Split Outputs and Active Safety Features
ISO5851 TI-ISO5851 Datasheet
1Mb / 34P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Active Safety Features
ISO5451 TI-ISO5451 Datasheet
1Mb / 38P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Active Safety Features
ISO5852S-EP TI1-ISO5852S-EP Datasheet
1Mb / 43P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
ISO5852S-EP TI1-ISO5852S-EP_17 Datasheet
1Mb / 43P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
ISO5452-Q1 TI1-ISO5452-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
ISO5451-Q1 TI1-ISO5451-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
ISO5851-Q1 TI1-ISO5851-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
ISO5852S-Q1 TI1-ISO5852S-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver
ISO5500 TI1-ISO5500 Datasheet
1Mb / 40P
[Old version datasheet]   2.5 A Isolated IGBT, MOSFET Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com