Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA286-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA286-Q1
Description  INA28x-Q1 Automotive Grade, ??4-V to 80-V, Bidirectional, High Accuracy, Low- or High-Side, Voltage Output, Current Shunt Monitor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA286-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  INA286-Q1 Datasheet HTML 1Page - Texas Instruments INA286-Q1 Datasheet HTML 2Page - Texas Instruments INA286-Q1 Datasheet HTML 3Page - Texas Instruments INA286-Q1 Datasheet HTML 4Page - Texas Instruments INA286-Q1 Datasheet HTML 5Page - Texas Instruments INA286-Q1 Datasheet HTML 6Page - Texas Instruments INA286-Q1 Datasheet HTML 7Page - Texas Instruments INA286-Q1 Datasheet HTML 8Page - Texas Instruments INA286-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
1
2
3
4
8
7
6
5
-IN
GND
REF2
NC
(1)
OUT
V+
REF1
+IN
INA282-Q1, INA283-Q1, INA284-Q1, INA285-Q1, INA286-Q1
www.ti.com
SBOS554B – MARCH 2012 – REVISED DECEMBER 2015
5 Pin Configuration and Functions
D and DGK Package
8-Pin SOIC and VSSOP
Top View
(1)
NC: This pin is not internally connected. The NC pin should either be left floating or connected to GND.
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
–IN
Analog input
Connection to negative side of shunt resistor.
2
GND
Analog
Ground
Reference voltage, 0 V to V+. See Reference Pin Connection Options section for connection
3
REF2
Analog input
options.
This pin is not internally connected. The NC pin should either be left floating or connected to
4
NC
GND.
5
OUT
Analog output
Output voltage
6
V+
Analog
Power supply, 2.7 V to 18 V
Reference voltage, 0 V to V+. See Reference Pin Connection Options section for connection
7
REF1
Analog input
options.
8
+IN
Analog input
Connection to positive side of shunt resistor.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: INA282-Q1 INA283-Q1 INA284-Q1 INA285-Q1 INA286-Q1


Similar Part No. - INA286-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA286 TI-INA286 Datasheet
706Kb / 31P
[Old version datasheet]   High-Accuracy Wide Common-Mode Range Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA286 TI-INA286 Datasheet
686Kb / 31P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA286 TI-INA286 Datasheet
1Mb / 33P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR
INA286AID TI-INA286AID Datasheet
1Mb / 33P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR
INA286AID TI1-INA286AID Datasheet
1Mb / 36P
[Old version datasheet]   Bidirectional Current Shunt Monitors
More results

Similar Description - INA286-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA225-Q1 TI-INA225-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA225-Q1 Automotive-Grade, 36-V Programmable-Gain, Voltage-Output, Bidirectional,Zero-Drift, High-Speed Current-Shunt Monitor
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
INA203-Q1 TI1-INA203-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   Low- or High-Side, High-Speed, Voltage Output Current Shunt Monitor
logo
Burr-Brown (TI)
INA170 BURR-BROWN-INA170_12 Datasheet
549Kb / 13P
   High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Texas Instruments
INA170 TI1-INA170_17 Datasheet
583Kb / 15P
[Old version datasheet]   High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA170 BURR-BROWN-INA170 Datasheet
209Kb / 10P
   High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Texas Instruments
INA240 TI1-INA240 Datasheet
543Kb / 8P
[Old version datasheet]   Wide Common-Mode Range, Voltage Output High- or Low-Side Bidirectional, Zero-Drift, Current-Shunt Monitor
logo
Analog Devices
AD8210 AD-AD8210_12 Datasheet
293Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. C
AD8210 AD-AD8210_15 Datasheet
329Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. D
AD8210 AD-AD8210_07 Datasheet
406Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com