Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA208 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA208
Description  INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA208 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA208 Datasheet HTML 4Page - Texas Instruments INA208 Datasheet HTML 5Page - Texas Instruments INA208 Datasheet HTML 6Page - Texas Instruments INA208 Datasheet HTML 7Page - Texas Instruments INA208 Datasheet HTML 8Page - Texas Instruments INA208 Datasheet HTML 9Page - Texas Instruments INA208 Datasheet HTML 10Page - Texas Instruments INA208 Datasheet HTML 11Page - Texas Instruments INA208 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
INA206, INA207, INA208
SBOS360F – JUNE 2006 – REVISED NOVEMBER 2015
www.ti.com
Electrical Characteristics: Comparator (continued)
At TA = 25°C, VS = 12 V, VIN+ = 12 V, VSENSE = 100 mV, RL = 10 kΩ to GND, RPULL-UP = 5.1 kΩ each connected from CMP1
OUT and CMP2 OUT to VS, unless otherwise noted.
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Comparator 2 Delay Equation (5)
CDELAY = tD/5
µF
Comparator 2 Delay, tD
CDELAY = 0.1 μF
0.5
s
(5)
The Comparator 2 delay applies to both rising and falling edges of the comparator output.
7.7 Electrical Characteristics: Reference
At TA = 25°C, VS = 12 V, VIN+ = 12 V, VSENSE = 100 mV, RL = 10 kΩ to GND, RPULL-UP = 5.1 kΩ each connected from CMP1
OUT and CMP2 OUT to VS, unless otherwise noted.
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE VOLTAGE
1.2VREFOUT Output Voltage
1.188
1.2
1.212
V
dVOUT/dT
Reference Drift
TA = –40°C to 85°C
40
100
ppm/°C
0.6VREF Output Voltage
0.6
V
(Pins 3 and 6 of 14-pin packages
only)
dVOUT/dT
Reference Drift
TA = –40°C to 85°C
40
100
ppm/°C
dVOUT/dILOA
LOAD REGULATION
D
Sourcing
0 mA < ISOURCE < 0.5 mA
0.4
2
mV/mA
Sinking
0 mA < ISINK < 0.5 mA
0.4
mV/mA
ILOAD
LOAD CURRENT
TA = –40°C to 125°C
1
mA
dVOUT/dVS
LINE REGULATION
2.7 V < VS < 18 V, TA = –40°C to 125°C
30
µV/V
CAPACITIVE LOAD
Reference Output Maximum
No Sustained Oscillations
10
nF
Capacitive Load
OUTPUT IMPEDANCE
Pins 3 and 6 of 14-Pin Packages
10
k
Only
7.8 Electrical Characteristics: General
At TA = 25°C, VS = 12 V, VIN+ = 12 V, VSENSE = 100 mV, RL = 10 kΩ to GND, RPULL-UP = 5.1 kΩ each connected from CMP1
OUT and CMP2 OUT to VS, and CMP1 IN+ = 1 V and CMP2 IN– = GND, unless otherwise noted.
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
VS
Operating Power Supply
TA = –40°C to 125°C
2.7
18
V
Quiescent Current
VOUT = 2 V
1.8
2.2
mA
IQ
Quiescent Current over Temperature
VSENSE = 0 mV, TA = –40°C to 125°C
2.8
mA
Comparator Power-On Reset
1.5
V
Threshold (1)
TEMPERATURE
Specified Temperature Range
–40
125
°C
Operating Temperature Range
–55
150
°C
Storage Temperature Range
–65
150
°C
MSOP-10 Surface-Mount
200
°C/W
θJA
Thermal Resistance
SO-14, TSSOP-14 Surface-Mount
150
°C/W
(1)
The INA206, INA207, and INA208 are designed to power-up with the comparator in a defined reset state as long as CMP1 RESET is
open or grounded. The comparator will be in reset as long as the power supply is below the voltage shown here. The comparator will
assume a state based on the comparator input above this supply voltage. If CMP1 RESET is high at power-up, the comparator output
comes up high and requires a reset to assume a low state, if appropriate.
8
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: INA206 INA207 INA208


Similar Part No. - INA208

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA208 TI-INA208 Datasheet
433Kb / 23P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Dual Comparators
INA208A TI-INA208A Datasheet
433Kb / 23P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Dual Comparators
INA208AID TI1-INA208AID Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA208AIDG4 TI1-INA208AIDG4 Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA208AIDGSR TI1-INA208AIDGSR Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
More results

Similar Description - INA208

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA203 TI-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
logo
Burr-Brown (TI)
INA203 BURR-BROWN-INA203 Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
logo
Texas Instruments
INA203-Q1 TI-INA203-Q1_15 Datasheet
647Kb / 24P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA206 TI1-INA206 Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203 TI1-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA200 TI1-INA200_16 Datasheet
1Mb / 32P
[Old version datasheet]   INA20x High-Side Measurement Current-Shunt Monitor
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor
INA206 TI-INA206 Datasheet
433Kb / 23P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Dual Comparators
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
[Old version datasheet]   VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com