Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA197A-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA197A-Q1
Description  INA19xA-Q1 Current Shunt Monitors ??6-V to 80-V Common-Mode Range
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA197A-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  INA197A-Q1 Datasheet HTML 1Page - Texas Instruments INA197A-Q1 Datasheet HTML 2Page - Texas Instruments INA197A-Q1 Datasheet HTML 3Page - Texas Instruments INA197A-Q1 Datasheet HTML 4Page - Texas Instruments INA197A-Q1 Datasheet HTML 5Page - Texas Instruments INA197A-Q1 Datasheet HTML 6Page - Texas Instruments INA197A-Q1 Datasheet HTML 7Page - Texas Instruments INA197A-Q1 Datasheet HTML 8Page - Texas Instruments INA197A-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
INA193A-Q1, INA194A-Q1, INA195A-Q1
INA196A-Q1, INA197A-Q1, INA198A-Q1
SBOS366D – AUGUST 2006 – REVISED JULY 2015
www.ti.com
Table of Contents
8.4
Device Functional Modes........................................ 16
1
Features .................................................................. 1
9
Application and Implementation ........................ 20
2
Applications ........................................................... 1
9.1
Application Information............................................ 20
3
Description ............................................................. 1
9.2
Typical Application ................................................. 20
4
Revision History..................................................... 2
10
Power Supply Recommendations ..................... 21
5
Pin Configuration and Functions ......................... 3
11
Layout................................................................... 22
6
Specifications......................................................... 4
11.1
Layout Guidelines ................................................. 22
6.1
Absolute Maximum Ratings ...................................... 4
11.2
Layout Example .................................................... 22
6.2
ESD Ratings.............................................................. 4
12
Device and Documentation Support ................. 23
6.3
Recommended Operating Conditions ....................... 4
12.1
Related Links ........................................................ 23
6.4
Thermal Information .................................................. 4
12.2
Community Resources.......................................... 23
6.5
Electrical Characteristics........................................... 5
12.3
Trademarks ........................................................... 23
7
Typical Characteristics.......................................... 7
12.4
Electrostatic Discharge Caution ............................ 23
8
Detailed Description ............................................ 11
12.5
Glossary ................................................................ 23
8.1
Overview ................................................................. 11
13
Mechanical, Packaging, and Orderable
8.2
Functional Block Diagram ....................................... 11
Information ........................................................... 23
8.3
Feature Description................................................. 11
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (October 2008) to Revision D
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 1
Added Input Bias Current vs Common Mode Voltage graph toTypical Characteristics ......................................................... 7
Added Input Bias Current vs Common Mode Voltage Vs=12 V graph to Typical Characteristics ......................................... 7
2
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: INA193A-Q1 INA194A-Q1 INA195A-Q1 INA196A-Q1 INA197A-Q1 INA198A-Q1


Similar Part No. - INA197A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA197A-Q1 TI1-INA197A-Q1 Datasheet
464Kb / 22P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V Common-Mode Range
More results

Similar Description - INA197A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA193A-Q1 TI1-INA193A-Q1 Datasheet
464Kb / 22P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V Common-Mode Range
INA193A-Q1 TI1-INA193A-Q1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Current Shunt Monitors ??6-V to 80-V Common-Mode Range
INA193A-EP TI-INA193A-EP_15 Datasheet
918Kb / 23P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V COMMON MODE RANGE
INA193A-EP TI1-INA193A-EP Datasheet
465Kb / 20P
[Old version datasheet]   CURRENT SHUNT MONITORS??6 V to 80 V Common Mode Range
INA193 TI1-INA193_17 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA193 TI1-INA193_15 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA195 TI-INA195_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA19x Current Shunt Monitor ??6 V to 80 V Common-Mode Range
logo
ON Semiconductor
NCS21673 ONSEMI-NCS21673 Datasheet
873Kb / 16P
   Current-Shunt Monitors, 40 V Common Mode, Unidirectional, Single, Dual, Quad
August, 2021 ??Rev. 0
logo
Texas Instruments
INA193AIDBVRG4 TI1-INA193AIDBVRG4 Datasheet
627Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA194AIDBVTG4 TI1-INA194AIDBVTG4 Datasheet
513Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com