Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA196A-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA196A-Q1
Description  INA19xA-Q1 Current Shunt Monitors ??6-V to 80-V Common-Mode Range
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA196A-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA196A-Q1 Datasheet HTML 3Page - Texas Instruments INA196A-Q1 Datasheet HTML 4Page - Texas Instruments INA196A-Q1 Datasheet HTML 5Page - Texas Instruments INA196A-Q1 Datasheet HTML 6Page - Texas Instruments INA196A-Q1 Datasheet HTML 7Page - Texas Instruments INA196A-Q1 Datasheet HTML 8Page - Texas Instruments INA196A-Q1 Datasheet HTML 9Page - Texas Instruments INA196A-Q1 Datasheet HTML 10Page - Texas Instruments INA196A-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
–16 –12 –8 –4
0
4
12
8
20
16
Common-Mode Voltage (V)
...
76
80
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
50
100 150
200
250 300
350
V
(mV)
SENSE
400
450
500
20
18
16
14
12
10
8
6
4
2
0
20
100
200
300
400
500
600
700
V
DIFFERENTIAL (mV)
800
900
50V/V
20V/V
100V/V
140
130
120
110
100
90
80
70
60
50
40
10
100
1k
10k
Frequency (Hz)
100k
CMR
PSR
45
40
35
30
25
20
15
10
5
10k
100k
Frequency (Hz)
1M
G = 100
CLOAD = 1000 pF
G = 50
G = 20
45
40
35
30
25
20
15
10
5
10k
100k
Frequency (Hz)
1M
G = 100
G = 50
G = 20
INA193A-Q1, INA194A-Q1, INA195A-Q1
INA196A-Q1, INA197A-Q1, INA198A-Q1
www.ti.com
SBOS366D – AUGUST 2006 – REVISED JULY 2015
7 Typical Characteristics
TA = 25°C, VS = 12 V, VIN+ = 12 V, and VSENSE = 100 mV (unless otherwise noted)
Figure 1. Gain vs Frequency
Figure 2. Gain vs Frequency
Figure 4. Common-Mode and Power-Supply Rejection vs
Figure 3. Gain Plot
Frequency
Figure 5. Output Error vs Vsense
Figure 6. Output Error vs Common-Mode Voltage
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: INA193A-Q1 INA194A-Q1 INA195A-Q1 INA196A-Q1 INA197A-Q1 INA198A-Q1


Similar Part No. - INA196A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA196A-Q1 TI1-INA196A-Q1 Datasheet
464Kb / 22P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V Common-Mode Range
More results

Similar Description - INA196A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA193A-Q1 TI1-INA193A-Q1 Datasheet
464Kb / 22P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V Common-Mode Range
INA193A-Q1 TI1-INA193A-Q1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Current Shunt Monitors ??6-V to 80-V Common-Mode Range
INA193A-EP TI-INA193A-EP_15 Datasheet
918Kb / 23P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V COMMON MODE RANGE
INA193A-EP TI1-INA193A-EP Datasheet
465Kb / 20P
[Old version datasheet]   CURRENT SHUNT MONITORS??6 V to 80 V Common Mode Range
INA193 TI1-INA193_17 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA193 TI1-INA193_15 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA195 TI-INA195_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA19x Current Shunt Monitor ??6 V to 80 V Common-Mode Range
logo
ON Semiconductor
NCS21673 ONSEMI-NCS21673 Datasheet
873Kb / 16P
   Current-Shunt Monitors, 40 V Common Mode, Unidirectional, Single, Dual, Quad
August, 2021 ??Rev. 0
logo
Texas Instruments
INA193AIDBVRG4 TI1-INA193AIDBVRG4 Datasheet
627Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA194AIDBVTG4 TI1-INA194AIDBVTG4 Datasheet
513Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com