Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH3377-TL-W Datasheet(PDF) 2 Page - ON Semiconductor

Part # MCH3377-TL-W
Description  P-Channel Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCH3377-TL-W Datasheet(HTML) 2 Page - ON Semiconductor

  MCH3377-TL-W Datasheet HTML 1Page - ON Semiconductor MCH3377-TL-W Datasheet HTML 2Page - ON Semiconductor MCH3377-TL-W Datasheet HTML 3Page - ON Semiconductor MCH3377-TL-W Datasheet HTML 4Page - ON Semiconductor MCH3377-TL-W Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MCH3377
No. A0957-2/5
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0V
--20
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--20V, VGS=0V
--1
μA
Gate-to-Source Leakage Current
IGSS
VGS=±8V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--0.4
--1.3
V
Forward Transfer Admittance
| yfs |
VDS=--10V, ID=--1.5A
2.2
3.8
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=--1.5A, VGS=--4.5V
63
83
mΩ
RDS(on)2
ID=--1A, VGS=--2.5V
88
125
mΩ
RDS(on)3
ID=--0.2A, VGS=--1.8V
130
200
mΩ
Input Capacitance
Ciss
VDS=--10V, f=1MHz
375
pF
Output Capacitance
Coss
77
pF
Reverse Transfer Capacitance
Crss
58
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
8.1
ns
Rise Time
tr
26
ns
Turn-OFF Delay Time
td(off)
42
ns
Fall Time
tf
37
ns
Total Gate Charge
Qg
VDS=--10V, VGS=--4.5V, ID=--3A
4.6
nC
Gate-to-Source Charge
Qgs
0.8
nC
Gate-to-Drain “Miller” Charge
Qgd
1.3
nC
Diode Forward Voltage
VSD
IS=--3A, VGS=0V
--0.83
--1.2
V
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
MCH3377-TL-E
MCPH3
3,000pcs./reel
Pb-Free
MCH3377-TL-H
Pb-Free and Halogen Free
MCH3377-TL-W
Pb-Free and Halogen Free
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID= --1.5A
RL=6.67Ω
VDD= --10V
VOUT
MCH3377
VIN
0V
--4V
VIN
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - MCH3377-TL-W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3377 SANYO-MCH3377 Datasheet
60Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3377 SANYO-MCH3377 Datasheet
207Kb / 7P
   General-Purpose Switching Device Applications
MCH3377 SANYO-MCH3377_12 Datasheet
207Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - MCH3377-TL-W

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
   P-CHANNEL POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJ3139KW JIANGSU-CJ3139KW Datasheet
1Mb / 5P
   P-Channel Power MOSFET
logo
ON Semiconductor
MTB50P03HDL ONSEMI-MTB50P03HDL_14 Datasheet
143Kb / 9P
   P-Channel Power MOSFET
January, 2014 ??Rev. 7
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
   P CHANNEL POWER MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
   p-Channel Power MOSFET
1.9, 2011-03-02
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
   P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
   P Channel Power MOSFET
logo
Micro Commercial Compon...
MCQ4435A MCC-MCQ4435A Datasheet
641Kb / 4P
   P-Channel Power MOSFET
logo
Unisonic Technologies
UT9435 UTC-UT9435_15 Datasheet
243Kb / 4P
   P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com