Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74ACT564 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC74ACT564
Description  Octal D-Type Latch with 3-State Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT564 Datasheet(HTML) 6 Page - ON Semiconductor

  MC74ACT564 Datasheet HTML 1Page - ON Semiconductor MC74ACT564 Datasheet HTML 2Page - ON Semiconductor MC74ACT564 Datasheet HTML 3Page - ON Semiconductor MC74ACT564 Datasheet HTML 4Page - ON Semiconductor MC74ACT564 Datasheet HTML 5Page - ON Semiconductor MC74ACT564 Datasheet HTML 6Page - ON Semiconductor MC74ACT564 Datasheet HTML 7Page - ON Semiconductor MC74ACT564 Datasheet HTML 8Page - ON Semiconductor MC74ACT564 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MC74AC564 MC74ACT564
http://onsemi.com
6
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
74ACT
74ACT
Unit
Conditions
TA = +25°C
TA =
−40°C to
+85°C
Typ
Guaranteed Limits
VIH
Minimum High Level
Input Voltage
4.5
1.5
2.0
2.0
V
VOUT = 0.1 V
5.5
1.5
2.0
2.0
or VCC − 0.1 V
VIL
Maximum Low Level
Input Voltage
4.5
1.5
0.8
0.8
V
VOUT = 0.1 V
5.5
1.5
0.8
0.8
or VCC − 0.1 V
VOH
Minimum High Level
Output Voltage
4.5
4.49
4.4
4.4
V
IOUT = −50 μA
5.5
5.49
5.4
5.4
*VIN = VIL or VIH
4.5
3.86
3.76
V
IOH
−24 mA
5.5
4.86
4.76
−24 mA
VOL
Maximum Low Level
Output Voltage
4.5
0.001
0.1
0.1
V
IOUT = 50 μA
5.5
0.001
0.1
0.1
*VIN = VIL or VIH
4.5
0.36
0.44
V
IOL
24 mA
5.5
0.36
0.44
24 mA
IIN
Maximum Input
Leakage Current
5.5
±0.1
±1.0
μA
VI = VCC, GND
ΔICCT
Additional Max. ICC/Input
5.5
0.6
1.5
mA
VI = VCC − 2.1 V
IOZ
Maximum
3-State
Current
VI (OE) = VIL, VIH
5.5
±0.5
±5.0
μA
VI = VCC, GND
VO = VCC, GND
IOLD
†Minimum Dynamic
Output Current
5.5
75
mA
VOLD = 1.65 V Max
IOHD
5.5
−75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
Supply Current
5.5
8.0
80
μA
VIN = VCC or GND
* All outputs loaded; thresholds on input associated with output under test.
† Maximum test duration 2.0 ms, one output loaded at a time.
AC CHARACTERISTICS (For Figures and Waveforms — See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85°C
CL = 50 pF
Min
Typ
Max
Min
Max
fmax
Maximum Clock
Frequency
5.0
85
75
MHz
3-3
tPLH
Propagation Delay
CP to On
5.0
2.0
10.5
1.5
11.5
ns
3-6
tPHL
Propagation Delay
CP to On
5.0
1.5
9.5
1.5
10.5
ns
3-6
tPZH
Output Enable Time
5.0
1.5
9.0
1.5
9.5
ns
3-7
tPZL
Output Enable Time
5.0
1.5
8.5
1.0
9.5
ns
3-8
tPHZ
Output Disable Time
5.0
1.5
10.5
1.5
11.5
ns
3-7
tPLZ
Output Disable Time
5.0
1.5
8.0
1.0
8.5
ns
3-8
* Voltage Range 5.0 V is 5.0 V ±0.5 V.


Similar Part No. - MC74ACT564

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74ACT564 MOTOROLA-MC74ACT564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74ACT564 ONSEMI-MC74ACT564 Datasheet
81Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Outputs
December, 2006 ??Rev. 3
logo
Motorola, Inc
MC74ACT564DW MOTOROLA-MC74ACT564DW Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74ACT564DWR2 ONSEMI-MC74ACT564DWR2 Datasheet
81Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Outputs
December, 2006 ??Rev. 3
MC74ACT564DWR2G ONSEMI-MC74ACT564DWR2G Datasheet
81Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Outputs
December, 2006 ??Rev. 3
More results

Similar Description - MC74ACT564

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com