Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC847U Datasheet(PDF) 2 Page - AUK corp

Part # BC847U
Description  NPN Silicon Transistor (General purpose application Switching application)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

BC847U Datasheet(HTML) 2 Page - AUK corp

  BC847U Datasheet HTML 1Page - AUK corp BC847U Datasheet HTML 2Page - AUK corp BC847U Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KST-3022-000
2
BC847U
Absolute maximum ratings
(Ta=25
°°°°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
50
V
Collector-Emitter voltage
VCEO
45
V
Emitter-base voltage
VEBO
5V
Collector current
IC
100
mA
Collector dissipation
PC
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
Electrical Characteristics
(Ta=25
°°°°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Emitter breakdown voltage
BV
CEO
I
C=1mA, IB=0
45
-
-
V
Base-Emitter turn on voltage
V
BE(ON)
V
CE=5V, IC=2mA
550
-
700
mV
Base-Emitter saturation voltage
V
BE(sat)
I
C=100mA, IB=5mA
-
900
-
mV
Collector-Emitter saturation voltage
V
CE(sat)
I
C=100mA, IB=5mA
-
-
600
mV
Collector cut-off current
I
CBO
V
CB=35V, IE=0
-
-
15
nA
DC current gain
h
FE
*
V
CE=5V, IC=2mA
110
-
800
-
Transition frequency
f
T
V
CE=5V,
I
C=10mA
f=100MHz
-
150
-
MHz
Collector output capacitance
C
ob
V
CB=10V, IE=0, f=1MHz
-
-
4.5
pF
Noise figure
NF
V
CE=5V, IC=200µA,
f=1KHz, Rg=2K
--
10
dB
* : h
FE rank / A : 110 ~ 220, B : 200 ~ 450, C : 420 ~ 800


Similar Part No. - BC847U

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
BC847U KODENSHI-BC847U Datasheet
268Kb / 4P
   General purpose application
BC847U KODENSHI-BC847U Datasheet
268Kb / 4P
   General purpose application
logo
First Silicon Co., Ltd
BC847U FS-BC847U Datasheet
290Kb / 5P
   General Purpose Transistor
logo
AUK corp
BC847UF AUK-BC847UF Datasheet
87Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
logo
KODENSHI_AUK CORP.
BC847UF KODENSHI-BC847UF Datasheet
179Kb / 3P
   General purpose application
More results

Similar Description - BC847U

ManufacturerPart #DatasheetDescription
logo
AUK corp
BC847 AUK-BC847 Datasheet
87Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
BC847UF AUK-BC847UF Datasheet
87Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
BC848UF AUK-BC848UF Datasheet
82Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
BC846F AUK-BC846F Datasheet
86Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
BC846 AUK-BC846 Datasheet
86Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
BC846UF AUK-BC846UF Datasheet
87Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
BC848 AUK-BC848 Datasheet
82Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
BC848U AUK-BC848U Datasheet
82Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
BC848F AUK-BC848F Datasheet
81Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
BC846U AUK-BC846U Datasheet
86Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com