Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC846UF Datasheet(PDF) 1 Page - AUK corp

Part # BC846UF
Description  NPN Silicon Transistor (General purpose application Switching application)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

BC846UF Datasheet(HTML) 1 Page - AUK corp

  BC846UF Datasheet HTML 1Page - AUK corp BC846UF Datasheet HTML 2Page - AUK corp BC846UF Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KST-3037-001
1
BC846UF
NPN Silicon Transistor
7
Descriptions
• General purpose application
• Switching application
Features
• High voltage : VCEO=55V
• Complementary pair with BC856UF
Ordering Information
Type NO.
Marking
Package Code
BC846UF
AS
SOT-323F
: hFE rank
Outline Dimensions
unit : mm
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
PIN Connections
1. Base
2. Emitter
3. Collector
2.1
±0.1
1.30
±0.1
1
2
3


Similar Part No. - BC846UF

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
BC846UF KODENSHI-BC846UF Datasheet
179Kb / 3P
   General purpose application
More results

Similar Description - BC846UF

ManufacturerPart #DatasheetDescription
logo
AUK corp
BC847 AUK-BC847 Datasheet
87Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
BC847UF AUK-BC847UF Datasheet
87Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
BC848UF AUK-BC848UF Datasheet
82Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
BC846F AUK-BC846F Datasheet
86Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
BC846 AUK-BC846 Datasheet
86Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
BC847U AUK-BC847U Datasheet
86Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
BC848 AUK-BC848 Datasheet
82Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
BC848U AUK-BC848U Datasheet
82Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
BC848F AUK-BC848F Datasheet
81Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
BC846U AUK-BC846U Datasheet
86Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com