Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATP103 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ATP103
Description  P-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ATP103 Datasheet(HTML) 2 Page - ON Semiconductor

  ATP103 Datasheet HTML 1Page - ON Semiconductor ATP103 Datasheet HTML 2Page - ON Semiconductor ATP103 Datasheet HTML 3Page - ON Semiconductor ATP103 Datasheet HTML 4Page - ON Semiconductor ATP103 Datasheet HTML 5Page - ON Semiconductor ATP103 Datasheet HTML 6Page - ON Semiconductor ATP103 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ATP103
No. A1623-2/7
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0V
--30
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--30V, VGS=0V
--1
μA
Gate-to-Source Leakage Current
IGSS
VGS=±16V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--1.2
--2.6
V
Forward Transfer Admittance
| yfs |
VDS=--10V, ID=--28A
45
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=--28A, VGS=--10V
10
13
RDS(on)2
ID=--14A, VGS=--4.5V
14.5
20.5
Input Capacitance
Ciss
VDS=--10V, f=1MHz
2430
pF
Output Capacitance
Coss
555
pF
Reverse Transfer Capacitance
Crss
395
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
19
ns
Rise Time
tr
400
ns
Turn-OFF Delay Time
td(off)
150
ns
Fall Time
tf
145
ns
Total Gate Charge
Qg
VDS=--15V, VGS=--10V, ID=--55A
47
nC
Gate-to-Source Charge
Qgs
10
nC
Gate-to-Drain “Miller” Charge
Qgd
8.7
nC
Diode Forward Voltage
VSD
IS=--55A, VGS=0V
--1.03
--1.5
V
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
ATP103-TL-H
ATPAK
3,000pcs./reel
Pb Free and Halogen Free
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID= --28A
RL=0.54Ω
VDD= --15V
VOUT
VIN
0V
--10V
VIN
ATP103


Similar Part No. - ATP103

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ATP103 SANYO-ATP103 Datasheet
93Kb / 4P
   General-Purpose Switching Device Applications
ATP103-TL-H SANYO-ATP103-TL-H Datasheet
451Kb / 7P
   General-Purpose Switching Device Applications
ATP103 SANYO-ATP103_12 Datasheet
451Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - ATP103

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
   P-CHANNEL POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJ3139KW JIANGSU-CJ3139KW Datasheet
1Mb / 5P
   P-Channel Power MOSFET
logo
ON Semiconductor
MTB50P03HDL ONSEMI-MTB50P03HDL_14 Datasheet
143Kb / 9P
   P-Channel Power MOSFET
January, 2014 ??Rev. 7
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
   P CHANNEL POWER MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
   p-Channel Power MOSFET
1.9, 2011-03-02
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
   P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
   P Channel Power MOSFET
logo
Micro Commercial Compon...
MCQ4435A MCC-MCQ4435A Datasheet
641Kb / 4P
   P-Channel Power MOSFET
logo
Unisonic Technologies
UT9435 UTC-UT9435_15 Datasheet
243Kb / 4P
   P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com