Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050-340 Datasheet(PDF) 9 Page - Glenair, Inc.

Part # 050-340
Description  PRINTED CIRCUIT BOARD (PCB) MOUNT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-340 Datasheet(HTML) 9 Page - Glenair, Inc.

Back Button 050-340 Datasheet HTML 5Page - Glenair, Inc. 050-340 Datasheet HTML 6Page - Glenair, Inc. 050-340 Datasheet HTML 7Page - Glenair, Inc. 050-340 Datasheet HTML 8Page - Glenair, Inc. 050-340 Datasheet HTML 9Page - Glenair, Inc. 050-340 Datasheet HTML 10Page - Glenair, Inc. 050-340 Datasheet HTML 11Page - Glenair, Inc. 050-340 Datasheet HTML 12Page - Glenair, Inc. 050-340 Datasheet HTML 13Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
©2015 Glenair, Inc.
REV: 4
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 9 of 14
E-mail: sales@glenair.com
050-340 Product Brief
PCB Mount Bi-Directional 1310/1550 Single Fiber
Transceiver, 125 Mbps – 1.25 Gbps, SMF, 3.3V
FIGURE 4
RECOMMENDED HOST BOARD POWER SUPPLY FILTERING CIRCUIT
Fiber Compatibility
The transceiver is capable of transmission up to 4km with 9
/125 μm fiber at 1.25 Gbps data rate.
Electrostatic Discharge (ESD)
The Transceiver is compatible with ESD levels found in typical manufacturing and operating environments as described
JEDEC EIA JESD22-A114, Class 1C (<2000Volts) HBM. Glenair recommends that devices are handled with ESD
precautions to limit exposure to below 250V HBM.
There are two design cases in which immunity to ESD damage is important. The first case is during handling of the
transceiver prior to insertion to the host board. To protect the transceiver, it’s important to use standard industry ESD
handling precautions. These precautions include using grounded wrist straps, work benches, and floor mats in ESD
controlled areas. The ESD sensitivity of the Glenair PCB mount transceiver is compatible with typical industry production
environments.
The second case to consider is static discharges to the exterior of the host equipment after installation, in which case the
transceiver may be subject to system-level ESD requirements.


Similar Part No. - 050-340

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-342 GLENAIR-050-342 Datasheet
488Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT CWDM TRANSCEIVER
050-344 GLENAIR-050-344 Datasheet
1Mb / 16P
   FMC CONNECTIVITY CARD
More results

Similar Description - 050-340

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_340 GLENAIR-050_340 Datasheet
444Kb / 14P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-320 GLENAIR-050-320 Datasheet
487Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-324 GLENAIR-050-324 Datasheet
492Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-328 GLENAIR-050-328 Datasheet
501Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-327 GLENAIR-050-327 Datasheet
519Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-352 GLENAIR-050-352 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-321 GLENAIR-050-321 Datasheet
481Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050_352 GLENAIR-050_352 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050_354 GLENAIR-050_354 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-315 GLENAIR-050-315 Datasheet
495Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com