Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050-328 Datasheet(PDF) 3 Page - Glenair, Inc.

Part # 050-328
Description  PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-328 Datasheet(HTML) 3 Page - Glenair, Inc.

  050-328 Datasheet HTML 1Page - Glenair, Inc. 050-328 Datasheet HTML 2Page - Glenair, Inc. 050-328 Datasheet HTML 3Page - Glenair, Inc. 050-328 Datasheet HTML 4Page - Glenair, Inc. 050-328 Datasheet HTML 5Page - Glenair, Inc. 050-328 Datasheet HTML 6Page - Glenair, Inc. 050-328 Datasheet HTML 7Page - Glenair, Inc. 050-328 Datasheet HTML 8Page - Glenair, Inc. 050-328 Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
©2014 Glenair, Inc.
REV: 4
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 3 of 15
E-mail: sales@glenair.com
050-328 Product Brief
PCB Mount Transceiver
10 Gbps, 10km, SMF, 3.3V
Ratings and Specifications
TABLE 2 ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Ts
-55
+100
°C
Supply Voltage
Vcc
-0.3
3.8
V
VccT & VccR may not differ by
more than 0.5V
Relative Humidity
RH
5
95
%
Two-wire Interface Input Voltage
-0.5
Vcc +0.5
V
Optical Receiver Input Average Power
0
dBm
TABLE 3 OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Units
Notes
Operating Temperature
Top
-40
+85
°C
Supply Voltage
Vcc
3.135
3.3
3.465
V
Supply Current
Icc
260
350
mA
Typical @ +85°C
Power Supply Noise (Peak-Peak)
Vcc_ripple
5
mV
Per SFF-8431 Rev 4.1
TABLE 4 ELECTRO-OPTICAL CHARACTERISTICS – TRANSMITTER
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical Output Power, Avg
POUT
-8
0
dBm
1310nm DFB, 10.3125 Gbps
Optical Output Power – OFF CONDITION
POUT-OFF
-30
dBm
Optical Return Loss Tolerance
12
dB
IEEE 802.3ae Clause 52 Compliant
Extinction Ratio
Er
3.5
5
dB
Optical Wavelength
λ
OUT
1260
1310
1355
nm
Spectral Width, rms
Δλ
1
nm
Side Mode Suppression Ratio
SMSR
30
dB
Relative Intensity Noise
RIN
-128
dB/Hz
Transmitter Differential Input Impedance
ZIN
100
Ohms
AC coupled Internally
Differential Input Voltage
Vin_d
180
800
mVp-p
CML, 100 ohm
TABLE 5 ELECTRO-OPTICAL CHARACTERISTICS - RECEIVER
Parameter
Symbol
Min
Typ
Max
Units
Notes
050-328-1
Sensitivity, BER 10
-12, PRBS 2-7-1, Er 5 dB
PIN
-16
-15
dBm
PIN PD @ 10.3 Gbps
LOS Assert Level
LOSA
-30
-19
dBm
@ 10.3 Gbps
LOS Hysteresis
LOSHYS
0.5
2.0
dB
Overload, BER 10
-12, PRBS 2-7-1
PIN
+1
dBm
Optical Wavelength
λ
IN
1260
1355
nm
Receiver Differential Output Impedance
Rout
100
Ohms
AC coupled internally
Differential Output Voltage Swing
Vout_d
300
850
mV
CML, 100 ohm


Similar Part No. - 050-328

ManufacturerPart #DatasheetDescription
logo
ITT Industries
050-328-3188 ITT-050-328-3188 Datasheet
489Kb / 42P
   RF Coaxial Connectors
050-328-7508229 ITT-050-328-7508229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
050-328-7509229 ITT-050-328-7509229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
More results

Similar Description - 050-328

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-324 GLENAIR-050-324 Datasheet
492Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-327 GLENAIR-050-327 Datasheet
519Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-352 GLENAIR-050-352 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-321 GLENAIR-050-321 Datasheet
481Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050_352 GLENAIR-050_352 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050_354 GLENAIR-050_354 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-315 GLENAIR-050-315 Datasheet
495Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050_342 GLENAIR-050_342 Datasheet
488Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT CWDM TRANSCEIVER
050_333 GLENAIR-050_333 Datasheet
415Kb / 13P
   PRINTED CIRCUIT BOARD (PCB) MOUNT DUAL TRANSCEIVER
050-333 GLENAIR-050-333 Datasheet
415Kb / 13P
   PRINTED CIRCUIT BOARD (PCB) MOUNT DUAL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com