Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050-303 Datasheet(PDF) 4 Page - Glenair, Inc.

Part # 050-303
Description  Opto-Electronic Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-303 Datasheet(HTML) 4 Page - Glenair, Inc.

  050-303 Datasheet HTML 1Page - Glenair, Inc. 050-303 Datasheet HTML 2Page - Glenair, Inc. 050-303 Datasheet HTML 3Page - Glenair, Inc. 050-303 Datasheet HTML 4Page - Glenair, Inc. 050-303 Datasheet HTML 5Page - Glenair, Inc. 050-303 Datasheet HTML 6Page - Glenair, Inc. 050-303 Datasheet HTML 7Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
21
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
Rev. Jan. 2013
050-303
Opto-Electronic Transceiver
with Mighty Mouse Connector Interface
100Mbps – 4.25Gbps
Power Supply Current Vcc = 3.14 to 3.46V
Parameter
symbol
Min
typ
Max
unit
Supply Current
Icc
50
90
mA
Absolute Maximum Rating
Parameter
symbol
Min
typ
Max
unit
Storage Temperature
Ts
-55
+100
°C
Operating Voltage
Vcc
-0.4
+4
V
Supply Voltage
Vcc
-0.4
V
Tx Disable Input Voltage
V Disable
-0.4
V
cc
V
Operating Conditions
Parameter
symbol
Min
typ
Max
unit
Operating Temperature
Top
-40
+85
°C
Supply Voltages
Vcc
3.14
3.3
3.46
V
Differential Input Voltage
Vid
250
2200
mVp-p
Power Supply noise
Vccripple
0.15
Vp-p
Electrical Pin Arrangement
Pin #
symbol
Description
logic
J2-7
Tx
Disable
Transmit Disable (Input)
Logic “1” Input->Disable Transmitter Output
CmOS
Internal 4.7Ohm Pulldown
J2-9
Vcc
Power Supply
J2-3
GnD
Signal Ground
J2-4
Tx Fault
Transmitter Fault Indicator (Output)
Logic “1” Output->Transmitter Fault Condition
CmOS
Internal 4.7k Ohm pull up
J2-12
Tx-
Transmitter Inverted Data (Input)
CmL (Current mode Logic)
J2-16
Tx+
Transmitter non-Inverted Data (Input)
CmL (Current mode Logic)
note: 50µm Fiber Output
Optical Transmitter
Parameter
symbol
Minimum
typ
Maximum
unit
Optical Output Power
Pout
-6.5
-1.5
dBm
Optical Wavelength
λout
830
850
860
nm
Spectral Width
Δλrms
0.85
nm
Extinction ratio
-01 (1.25 Gbps)
Er
6.0
10
dB
-02 (2.50 Gbps)
Er
6.0
10
dB
-03 (3.20 Gbps)
Er
6.0
10
dB
-04 (4.25 Gbps)
Er
6.0
10
dB
Total Jitter
TJ
60
ps
Example Optical Link Distances
Protocol
cable type
Distance
Gigabit Ethernet
62.5/125µm, 200 mHZ*Km
50/125µm, 500 mHZ*Km
275 meters
550 meters
Ratings and specifications—Multimode Transmitter


Similar Part No. - 050-303

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-301 GLENAIR-050-301 Datasheet
367Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
050-304 GLENAIR-050-304 Datasheet
734Kb / 8P
   D38999 Series III Type Active Receptacle Connector
050-307 GLENAIR-050-307 Datasheet
359Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
logo
ITT Industries
050-307-7303229 ITT-050-307-7303229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
050-307-7304229 ITT-050-307-7304229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
More results

Similar Description - 050-303

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-313 GLENAIR-050-313 Datasheet
290Kb / 4P
   Opto-Electronic Transceiver
050_303 GLENAIR-050_303 Datasheet
279Kb / 7P
   Opto-Electronic Transceiver
050_313 GLENAIR-050_313 Datasheet
290Kb / 4P
   Opto-Electronic Transceiver
logo
NEC
2P4M NEC-2P4M Datasheet
311Kb / 1P
   Opto-Electronic Devices(NEPOC)
logo
Glenair, Inc.
050_308 GLENAIR-050_308 Datasheet
426Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
050_301 GLENAIR-050_301 Datasheet
367Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
050_307 GLENAIR-050_307 Datasheet
359Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
050-301 GLENAIR-050-301 Datasheet
367Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
050-307 GLENAIR-050-307 Datasheet
359Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
050-308 GLENAIR-050-308 Datasheet
426Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com