Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM6451BV Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM6451BV
Description  Audio Variable Volume IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6451BV Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM6451BV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6451BV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6451BV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6451BV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6451BV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6451BV Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6451BV Datasheet HTML 10Page - Nippon Precision Circuits Inc SM6451BV Datasheet HTML 11Page - Nippon Precision Circuits Inc SM6451BV Datasheet HTML 12Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SM6451BV
NIPPON PRECISION CIRCUITS—8
D9, D8
Channel select bits. The selected channel(s) are shown in table 1.
D7 to D0
Attenuation register (ATT) set bits.
Table 1. Channel select
D 9
D 8
Selected channel
L O W
L O W
Both left and right channels
L O W
HIGH
Left channel
HIGH
L O W
Right channel
HIGH
HIGH
N o change
Table 2. Attenuation setting1
1.
Outputs are muted after system reset.
Attenuation error is changed dependent on the supply voltage when attenuation level is under – 60dB. In the case of the supply voltage being
under 2.6V, mute level inverses up to the same level of – 80dB setting or more. (see Figure 6)
Attenuation
AT T H
D7
D6
D5
D4
D3
D2
D1
D0
0 dB
0 0
LO W
L O W
LO W
L O W
LO W
L O W
LO W
L O W
−1 dB
0 1
L O W
L O W
L O W
L O W
L O W
L O W
L O W
HIGH
−2 dB
0 2
L O W
L O W
L O W
L O W
L O W
L O W
HIGH
L O W
:
:::::::::
−15 dB
0 F
L O W
L O W
L O W
L O W
HIGH
HIGH
HIGH
HIGH
−16 dB
1 0
L O W
L O W
L O W
HIGH
L O W
L O W
L O W
L O W
−17 dB
1 1
L O W
L O W
L O W
HIGH
L O W
L O W
L O W
HIGH
:
:::::::::
−63 dB
3 F
L O W
L O W
HIGH
HIGH
HIGH
HIGH
HIGH
HIGH
−64 dB
4 0
L O W
HIGH
L O W
L O W
L O W
L O W
L O W
L O W
−65 dB
4 1
L O W
HIGH
L O W
L O W
L O W
L O W
L O W
HIGH
:
:::::::::
−79 dB
4 F
L O W
HIGH
L O W
L O W
HIGH
HIGH
HIGH
HIGH
−80 dB
5 0
L O W
HIGH
L O W
HIGH
L O W
L O W
L O W
L O W
Mute
51
L O W
HIGH
L O W
HIGH
L O W
L O W
L O W
HIGH
Mute
52
L O W
HIGH
L O W
HIGH
L O W
L O W
HIGH
L O W
:
:::::::::
Mute
F E
HIGH
HIGH
HIGH
HIGH
HIGH
HIGH
HIGH
L O W
Mute
F F
HIGH
HIGH
HIGH
HIGH
HIGH
HIGH
HIGH
HIGH


Similar Part No. - SM6451BV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6451B NPC-SM6451B Datasheet
162Kb / 12P
   Audio Variable Volume IC
More results

Similar Description - SM6451BV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6451AVNIPPON NPC-SM6451AVNIPPON Datasheet
149Kb / 12P
   Audio Variable Volume IC
SM6451B NPC-SM6451B Datasheet
162Kb / 12P
   Audio Variable Volume IC
SM6451A NPC-SM6451A Datasheet
183Kb / 13P
   Audio Variable Volume IC
SM6452AM NPC-SM6452AM Datasheet
130Kb / 16P
   Audio Variable Volume ICs
logo
Sanyo Semicon Device
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV3329PE SANYO-LV3329PE Datasheet
230Kb / 30P
   For Car Audio Systems Electronic Volume IC
logo
SHENZHEN FUMAN ELECTRON...
TC3303 FUMAN-TC3303 Datasheet
354Kb / 7P
   3W-D stereo audio amplifier IC with volume control
logo
ON Semiconductor
LV3319PM ONSEMI-LV3319PM Datasheet
281Kb / 26P
   Electronic Volume IC
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com