Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPD10-24-1212 Datasheet(PDF) 2 Page - DENSEI-LAMBDA

Part # PPD10-24-1212
Description  Single, Dual output DC-DC converter 1.5W ~ 25W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

PPD10-24-1212 Datasheet(HTML) 2 Page - DENSEI-LAMBDA

  PPD10-24-1212 Datasheet HTML 1Page - DENSEI-LAMBDA PPD10-24-1212 Datasheet HTML 2Page - DENSEI-LAMBDA PPD10-24-1212 Datasheet HTML 3Page - DENSEI-LAMBDA PPD10-24-1212 Datasheet HTML 4Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
120
Terminal assignments
*1
+V
*2
–V
INPUT
*3
CNT
*4
+V
*5
–V
OUTPUT
*6
TRM
Case: Copper (Thickness 0.4mm)
Weight: 55g
PP-SERIES
PP3
PP6
PP10
PP15
PP25
Terminal assignments
*1
+V
*2
–V
INPUT
*3
+V
*4
–V
OUTPUT
Case: Copper (Thickness 0.4mm)
Weight: 15g
Terminal assignments
*1
+V
*2
–V
INPUT
*3
+V
*4
–V
OUTPUT
Case: Copper (Thickness 0.4mm)
Weight: 40g
Terminal assignments
*1
+V
*2
–V
INPUT
*3CNT
*4
+V
*5
–V
OUTPUT
*6
TRM
Case: Copper (Thickness 0.4mm)
Weight: 65g
Terminal assignments
*1
+V
*2
–V
INPUT
*3
+V
*4
–V
OUTPUT
Case: Copper (Thickness 0.4mm)
Weight: 25g
Terminal assignments
*1
+V
*2
–V
INPUT
*3
+V
*4
–V
OUTPUT
Case: Copper (Thickness 0.4mm)
Weight: 40g


Similar Part No. - PPD10-24-1212

ManufacturerPart #DatasheetDescription
logo
3M Electronics
PPD 3M-PPD Datasheet
156Kb / 3P
   3M??Fire Barrier Plastic Pipe Device (PPD)
logo
M-System Co.,Ltd.
PPD MSYSTEM-PPD Datasheet
157Kb / 5P
   Plug-in Signal Conditioners M-UNIT
PPD-A1A1N-K MSYSTEM-PPD-A1A1N-K Datasheet
157Kb / 5P
   Plug-in Signal Conditioners M-UNIT
PPD-A1A1N-K/Q MSYSTEM-PPD-A1A1N-K/Q Datasheet
157Kb / 5P
   Plug-in Signal Conditioners M-UNIT
PPD-A1A1N-P MSYSTEM-PPD-A1A1N-P Datasheet
157Kb / 5P
   Plug-in Signal Conditioners M-UNIT
More results

Similar Description - PPD10-24-1212

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
PP15 LAMBDA-PP15 Datasheet
188Kb / 4P
   Single output DC-DC converter 1.5W ~ 25W???
PPD3 LAMBDA-PPD3 Datasheet
188Kb / 4P
   Single output DC-DC converter 1.5W ~ 25W????
logo
Chinfa Electronics Ind....
TDD25-03S2 CHINFA-TDD25-03S2 Datasheet
334Kb / 4P
   DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
TDD25-03S2 CHINFA-TDD25-03S2_10 Datasheet
263Kb / 4P
   DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
TDD25 CHINFA-TDD25_14 Datasheet
225Kb / 4P
   DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25_12 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD25 ASTRODYNE-SD25 Datasheet
994Kb / 2P
   25W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25 Datasheet
407Kb / 2P
   25W Single Output DC-DC Converter
SD-25 MEANWELL-SD-25_10 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-25 ASTRODYNE-SD-25 Datasheet
484Kb / 2P
   25W Single Output DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com