Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCE20ED135T Datasheet(PDF) 2 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE20ED135T
Description  1350V, 20A, Trench FS IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE20ED135T Datasheet(HTML) 2 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE20ED135T Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE20ED135T Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE20ED135T Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE20ED135T Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE20ED135T Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE20ED135T Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE20ED135T Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
http://www.ncepower.com
Wuxi NCE Power Semiconductor Co., Ltd
Page 2
v1.0
NCE20ED135T
Pb Free Product
Thermal Characteristics
Symbol Parameter
Typ.
Max.
Units
R JC
Thermal Resistance, Junction to Case
-
0.37
°C/W
RJA
Thermal Resistance, Junction to Ambient
-
40
°C/W
Electrical Characteristics T
C=25°C
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Units
Off Characteristics
BVCES
Collector to Emitter
Breakdown Voltage
VGE=0V, Ic=1mA
1350
-
-
V
ICES
Collector Cut-Off Current
VCE=1350V, VGE=0V
-
-
100
uA
IGES
G-E Leakage Current
VGE=30V, VCE=0V
-
-
+/-100
nA
On Characteristics
VGE(th)
G-E Threshold Voltage
IC=1mA, VCE=VGE
5
7
V
IC=20A, VGE=15V
TC=25°C
-
1.7
2
V
VCE(sat)
Collector to Emitter Saturation
Voltage
IC=20A, VGE=15V
TC=125°C
-
2
-
V
Dynamic Characteristics
Cies
Input Capacitance
-
2050
-
pF
Coes
Output Capacitance
-
70
-
pF
Cres
Reverse Transfer
Capacitance
VCE=30V, VGE=0V,
f=1MHz
-
40
-
pF
Switching Characteristics
td(off)
Turn-Off Delay Time
-
190
-
ns
tf
Fall Time
-
100
ns
Eoff
Turn-Off Switching Loss
VCC=600V,IC=20A,
RG=10Ώ,VGE=15V,
Inductive Load,
TC=25°C
-
0.9
mJ
td(off)
Turn-Off Delay Time
-
200
ns
tf
Fall Time
-
154
ns
Eoff
Turn-Off Switching Loss
VCC=600V,IC=20A,
RG=10Ώ,VGE=15V,
Inductive Load,
TC=125°C
-
1.4
mJ
Qg
Total Gate Charge
-
190
240
nC
Qge
Gate to Emitter Charge
-
15
23
nC
Qgc
Gate to Collector Charge
VCC=600V,IC=20A,
VGE=15V
-
80
120
nC
Diode Characteristics
VFM
Forward Voltage
IF=20A,TC=25°C
-
1.8
2
V
trr
Reverse Recovery Time
-
235
350
ns
Irr
Peak Reverse Recovery
Current
-
27
40
A
Qrr
Reverse Recovery Charge
IF=20A, dI/dt=200A/us
TC=25°C
-
3130 4700
uC


Similar Part No. - NCE20ED135T

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE2003 NCEPOWER-NCE2003 Datasheet
379Kb / 11P
   N and P-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
NCE2003 VBSEMI-NCE2003 Datasheet
596Kb / 10P
   N- and P-Channel 20V (D-S) MOSFET
logo
Wuxi NCE Power Semicond...
NCE2004NE NCEPOWER-NCE2004NE Datasheet
351Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
NCE2004NE VBSEMI-NCE2004NE Datasheet
513Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Wuxi NCE Power Semicond...
NCE2004Y NCEPOWER-NCE2004Y Datasheet
283Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - NCE20ED135T

ManufacturerPart #DatasheetDescription
logo
MacMic
MM20G3T135B MACMIC-MM20G3T135B Datasheet
605Kb / 5P
   1350V 20A IGBT
MM20G3R135B MACMIC-MM20G3R135B Datasheet
582Kb / 3P
   1350V 20A RC- IGBT
logo
Wuxi NCE Power Semicond...
NCE15GD135T NCEPOWER-NCE15GD135T Datasheet
237Kb / 8P
   1350V, 15A, Trench NPT IGBT
NCE25GD135P NCEPOWER-NCE25GD135P Datasheet
328Kb / 8P
   1350V, 25A, Trench NPT IGBT
NCE25G135T NCEPOWER-NCE25G135T Datasheet
319Kb / 7P
   1350V, 25A, Trench NPT IGBT
logo
Alpha & Omega Semicondu...
AOK20B135D1 AOSMD-AOK20B135D1 Datasheet
718Kb / 8P
   1350V, 20A Alpha IGBT TM with Diode
logo
Wuxi NCE Power Semicond...
NCE25G135P NCEPOWER-NCE25G135P Datasheet
324Kb / 7P
   1350V, 25A, Trench NPT IGBT
NCE25GD135T NCEPOWER-NCE25GD135T Datasheet
323Kb / 8P
   1350V, 25A, Trench NPT IGBT
NCE15G135P NCEPOWER-NCE15G135P Datasheet
238Kb / 7P
   1350V, 15A, Trench NPT IGBT
NCE15G135T NCEPOWER-NCE15G135T Datasheet
233Kb / 7P
   1350V, 15A, Trench NPT IGBT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com