Electronic Components Datasheet Search |
|
T494V336K010AS Datasheet(PDF) 1 Page - Kemet Corporation |
|
T494V336K010AS Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 3 page Notes: 1. Metric dimensions govern. 2. (Ref) - Dimensions provided for reference only. 3. No dimensions provided for B, P or R because low profile cases do not have a bevel or a notch. CASE SIZE COMPONENT KEMET R S T U V EIA 2012-12 3216-12 3528-12 6032-15 7343-20 L 2.0 ± 0.2 (.079 ± .008) 3.2 ± 0.2 (.126 ± .008) 3.5 ± 0.2 (.138 ± .008) 6.0 ± 0.3 (.236 ± .012) 7.3 ± 0.3 (.287 ± .012) W 1.3 ± 0.2 (.051 ± .008) 1.6 ± 0.2 (.063 ± .008) 2.8 ± 0.2 (.110 ± .008) 3.2 ± 0.3) (.126 ± .012) 4.3 ± 0.3 (.169 ± .012) H Max. 1.2 (.047) 1.2 (.047) 1.2 (.047) 1.5 (.059) 2.0 (.079) 0.3 (.012) 0.3 (.012) 0.3 (.012) 0.5 (.020) 0.9 (.035) K Min. 0.9 (.035) 1.2 (.047) 2.2 (.087) 2.2 (.087) 2.4 (.094) F ± 0.1 0.5 (.020) 0.8 (.031) 0.8 (.031) 1.3 (.051) 1.3 (.051) S ± 0.3 0.05 (.002) 0.05 (.002) 0.05 (.002) 0.05 (.002) 0.05 (.002) X (Ref T (Ref) 0.13 (.005) 0.13 (.005) 0.13 (.005) 0.13 (.005) 0.13 (.005) A (Min) 0.8 (.031) 0.8 (.031) 1.1 (.043) 2.5 (.098) 3.8 (.150) G (Ref) 0.5 (.020) 1.1 (.043) 1.8 (.071) 2.8 (.110) 3.5 (.138) E (Ref) 0.8 (.031) 1.3 (.051) 2.2 (.087) 2.4 (.094) 3.5 (.138) 0.10 ± 0.10 (.004 ± .004) 0.10 ± 0.10 (.004 ± .004) 0.10 ± 0.10 (.004 ± .004) 0.10 ± 0.10 (.004 ± .004) 0.10 ± 0.10 (.004 ± .004) 0.10 ± 0.10 (.004 ± .004) KEMET EIA L* W* H* X (Ref) P (Ref) R (Ref) T (Ref) A (Min) G (Ref) E (Ref) A B C D X E 3216-18 3528-21 6032-28 7343-31 7343-43 7260-38 3.2 ± 0.2 (.126 ± .008) 3.5 ± 0.2 (.138 ± .008) 6.0 ± 0.3 (.236 ± .012) 7.3 ± 0.3 (.287 ± .012) 7.3 ± 0.3 (.287 ± .012) 7.3 ± 0.3 (.287 ± .012) 1.6 ±0.2 (.063 ±.008) 2.8 ± 0.2 (.110 ± .008) 3.2 ± 0.3 (.126 ± .012) 4.3 ± 0.3 (.169 ± .012) 4.3 ± 0.3 (.169 ± .012) 6.0 ± 0.3 (.236 ± .012) 1.6 ± 0.2 (.063 ± .008) 1.9 ± 0.2 (.075 ± .008) 2.5 ± 0.3 (.098 ± .012) 2.8 ± 0.3 (.110 ± .012) 4.0 ± 0.3 (.157 ± .012) 3.6 ± 0.2 (.142 ± .008) 1.2 (.047) 2.2 (.087) 2.2 (.087) 2.4 (.094) 2.4 (.094) 4.1 (.161) 0.8 (.031) 0.8 (.031) 1.3 (.051) 1.3 (.051) 1.3 (.051) 1.3 (.051) 0.4 (.016) 0.4 (.016) 0.5 (.020) 0.5 (.020) 0.5 (.020) 0.5 (.020) 0.9 (.035) 1.1 (.043) 1.4 (.055) 1.5 (.059) 2.3 (.091) 2.3 (.091) 0.4 (.016) 0.5 (.020) 0.9 (.035) 0.9 (.035) 1.7 (.067) 0.9 (.035) 0.4 (.016) 1.0 (.039) 1.0 (.039) 1.0 (.039) 1.0 (.039) 1.0 (.039) 0.13 (.005) 0.13 (.005) 0.13 (.005) 0.13 (.005) 0.13 (.005) 0.13 (.005) 0.8 (.031) 1.1 (.043) 2.5 (.098) 3.8 (.150) 3.8 (.150) 3.8 (.150) 1.1 (.043) 1.8 (.071) 2.8 (.110) 3.5 (.138) 3.5** (.138) 3.5 (.138) 1.3 (.051) 2.2 (.087) 2.4 (.094) 3.5 (.138) 3.5** (.138) 3.5 (.138) CASE SIZE COMPONENT Notes: 1. Metric dimensions govern. 2. (Ref) - Dimensions provided for reference only. * Mil-C-55365/8 Specified Dimensions ** Round Glue Pad: 2.9 ±0.1mm (0.114" ±0.004") in diameter at KEMET’s option K* ± 0.20 ± (.008) S* ± 0.3 ± (.012) F* ± 0.1 ± (.004) B (Ref) ± 0.15 ± (.006) KEMET ® KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 21 SOLID TANTALUM CHIP CAPACITORS T494 SERIES — Low ESR, Industrial Grade CAPACITOR OUTLINE DRAWING FEATURES • Low ESR values in EIA 535BAAC sizes • Taped and Reeled per EIA 481-1 • Symmetrical, Compliant Terminations • Optional Gold-plated Terminations • Laser-marked Case • 100% Surge Current test on C, D, E, U, V, X sizes • Capacitance: 0.1 F to 1000 F • Tolerance: ±10%, ±20% • Voltage: 3-50 VDC • Extended Range Values • New Low Profile Case Sizes STANDARD T494 DIMENSIONS Millimeters (inches) T494 ORDERING INFORMATION W K X CATHODE (-) END VIEW SIDE VIEW ANODE (+) END VIEW T G S S B B H H BOTTOM VIEW E F A L Termination cutout at KEMETs Option, either end R P LOW PROFILE T494 DIMENSIONS Millimeters (inches) Case Size A, B, C, D, E, R, S, T, U, V, X M - ± 20% K - ±10% *Part number example: T494B105M035AS (14 digits - no spaces) M 105 494 A 035 TB S* Tantalum Series T494 - Low ESR, Industrial Grade Capacitance Picofarad Code First two digits represent significant figures. Third digit specifies number of zeros to follow. Lead Material Failure Rate Voltage Capacitance Tolerance A - Not Applicable S - Standard Solder -Coated (90% Sn/10% Pb) G - Gold Plated (A, B, C, D, X only) T - 100% Tin (Sn) Plated and Reflowed |
Similar Part No. - T494V336K010AS |
|
Similar Description - T494V336K010AS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |