Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1301020163 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301020163
Description  Super-Safeway Rubber Hand Lamp with 300W Open End Guard with Receptacle 15.24m
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301020163 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301020163 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301020163
Status:
Active
Overview:
Hand Lamps
Description:
Super-Safeway™ Rubber Hand Lamp with 300W Open End Guard with Receptacle
15.24m (50.0') 16/3 SOOW-A, Vinyl Guard
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR85374
General
Product Family
Portable Lighting
Series
130102
NEMA Configuration
NEMA 5-15
Outlet
Side
Overview
Hand Lamps
Product Literature Order No
987650-8053
Product Name
Super-Safeway™
Type
Hand Lamps
UPC
78678860544
Woodhead
Yes
Physical
Cord Length - Primary
15.24m (50.0')
Cord Length - Secondary
N/A
Depth
190.50mm (7.500")
Duty
Industrial
Guard Included
No
Guard Type
Metal Wire
Height
371.35mm (14.620")
Length
N/A
Material - Guard
#8 Gauge Zinc-plated Steel
Mounting Style
Hand Held
Packaging Type
Carton
Socket Construction
N/A
Electrical
Bulb Type
Incandescent
Cord Type - Primary
16/3 SOOW
Lamp Type
A23
Lamp Wattage - Maximum
300W
Lumens
1000
On/Off Switch
No
Voltage (Fixture) - Maximum
240V
Material Info
Old Part Number
111UIB163
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130102 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301020163

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301020160 MOLEX11-1301020160 Datasheet
30Kb / 1P
   Super-Safeway Rubber Hand Lamp with 300W Open End Guard with Receptacle
1301020164 MOLEX11-1301020164 Datasheet
30Kb / 1P
   Super-Safeway Rubber Hand Lamp with 300W Open End Guard with Switch and Receptacle
1301020165 MOLEX11-1301020165 Datasheet
30Kb / 1P
   Super-Safeway Rubber Hand Lamp with 300W Open End Guard with Switch and Receptacle 7.62m
1301020167 MOLEX11-1301020167 Datasheet
31Kb / 1P
   Super-Safeway Rubber Hand Lamp with 100W Open End Reflector Guard
1301020168 MOLEX11-1301020168 Datasheet
31Kb / 1P
   Super-Safeway Rubber Hand Lamp with 100W Open End Reflector Guard W 7.62m
More results

Similar Description - 1301020163

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301020194 MOLEX11-1301020194 Datasheet
30Kb / 1P
   Super-Safeway Rubber Hand Lamp with 300W Open End Reflector Guard with Receptacle 15.24m
1301020152 MOLEX11-1301020152 Datasheet
30Kb / 1P
   Super-Safeway Rubber Hand Lamp with 300W Open End Guard W 15.24m
1301020148 MOLEX11-1301020148 Datasheet
30Kb / 1P
   Super-Safeway Rubber Hand Lamp with 300W Open End Guard W 15.24m
1301020150 MOLEX11-1301020150 Datasheet
33Kb / 1P
   Super-Safeway Rubber Hand Lamp with 300W Open End Guard W 15.24m
1301020159 MOLEX11-1301020159 Datasheet
30Kb / 1P
   Super-Safeway Rubber Hand Lamp with 300W Open End Guard with Receptacle
1301020160 MOLEX11-1301020160 Datasheet
30Kb / 1P
   Super-Safeway Rubber Hand Lamp with 300W Open End Guard with Receptacle
1301020158 MOLEX11-1301020158 Datasheet
30Kb / 1P
   Super-Safeway Rubber Hand Lamp with 300W Open End Guard with Receptacle
1301020145 MOLEX11-1301020145 Datasheet
30Kb / 1P
   Super-Safeway Rubber Hand Lamp with 300W Open End Guard
1301020200 MOLEX11-1301020200 Datasheet
30Kb / 1P
   Super-Safeway Rubber Hand Lamp with 300W Open End Reflector Guard with Switch and Receptacle 15.24m
1301020203 MOLEX11-1301020203 Datasheet
30Kb / 1P
   Super-Safeway Rubber Hand Lamp with 300W Open End Reflector Guard with Switch and Receptacle 15.24m
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com