Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCE55P15 Datasheet(PDF) 2 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE55P15
Description  NCE P-Channel Enhancement Mode Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE55P15 Datasheet(HTML) 2 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE55P15 Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE55P15 Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE55P15 Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE55P15 Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE55P15 Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE55P15 Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE55P15 Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Wuxi NCE Power Semiconductor Co., Ltd
Page
v1.0
2
NCE55P15
Pb Free Product
http://www.ncepower.com
Thermal Characteristic
Thermal Resistance ,Junction-to-Case
(Note 2)
RθJC
3.3
/W
Electrical Characteristics (TC=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
-55
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=-55V,VGS=0V
-
-
1
μA
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
-
-
±100
nA
On Characteristics
(Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250μA
-1.5
-2.6
-3.5
V
Drain-Source On-State Resistance
RDS(ON)
VGS=-10V, ID=-5A
-
60
75
mΩ
Forward Transconductance
gFS
VDS=-15V,ID=-5A
16
-
-
S
Dynamic Characteristics
(Note4)
Input Capacitance
Clss
-
1450
-
PF
Output Capacitance
Coss
-
145
-
PF
Reverse Transfer Capacitance
Crss
VDS=-20V,VGS=0V,
F=1.0MHz
-
110
-
PF
Switching Characteristics
(Note 4)
Turn-on Delay Time
td(on)
-
8
-
nS
Turn-on Rise Time
tr
-
9
-
nS
Turn-Off Delay Time
td(off)
-
65
-
nS
Turn-Off Fall Time
tf
VDD=-30V, ,RL=30Ω
VGS=-10V,RGEN=6Ω
-
30
-
nS
Total Gate Charge
Qg
-
26
-
nC
Gate-Source Charge
Qgs
-
4.5
-
nC
Gate-Drain Charge
Qgd
VDS=-30V,ID=-5A,
VGS=-10V
-
7
-
nC
Drain-Source Diode Characteristics
Diode Forward Voltage
(Note 3)
VSD
VGS=0V,IS=-5A
-
-
1.2
V
Diode Forward Current
(Note 2)
IS
-
-
-15
A
Notes:
1.
Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
Surface Mounted on FR4 Board, t ≤ 10 sec.
3.
Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4.
Guaranteed by design, not subject to production


Similar Part No. - NCE55P15

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NCE55P15 VBSEMI-NCE55P15 Datasheet
941Kb / 7P
   P-Channel 60 V (D-S) MOSFET
logo
Wuxi NCE Power Semicond...
NCE55P15I NCEPOWER-NCE55P15I Datasheet
367Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
v1.0
NCE55P15K NCEPOWER-NCE55P15K Datasheet
473Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
NCE55P15K VBSEMI-NCE55P15K Datasheet
977Kb / 8P
   P-Channel 60 V (D-S) MOSFET
More results

Similar Description - NCE55P15

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM40P07 RECTRON-RM40P07 Datasheet
236Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
logo
Wuxi NCE Power Semicond...
NCE3401A NCEPOWER-NCE3401A Datasheet
265Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE3407A NCEPOWER-NCE3407A Datasheet
288Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE01P18L NCEPOWER-NCE01P18L Datasheet
317Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE15P25 NCEPOWER-NCE15P25 Datasheet
357Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE20P70G NCEPOWER-NCE20P70G Datasheet
367Kb / 6P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE30P12S NCEPOWER-NCE30P12S Datasheet
370Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE30P15S NCEPOWER-NCE30P15S Datasheet
347Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE40P06S NCEPOWER-NCE40P06S Datasheet
402Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE40P40K NCEPOWER-NCE40P40K Datasheet
477Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com