Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8266AVR Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPC8266AVR
Description  MPC826xA (HiP4) Family Hardware Specifications
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8266AVR Datasheet(HTML) 4 Page - Motorola, Inc

  MPC8266AVR Datasheet HTML 1Page - Motorola, Inc MPC8266AVR Datasheet HTML 2Page - Motorola, Inc MPC8266AVR Datasheet HTML 3Page - Motorola, Inc MPC8266AVR Datasheet HTML 4Page - Motorola, Inc MPC8266AVR Datasheet HTML 5Page - Motorola, Inc MPC8266AVR Datasheet HTML 6Page - Motorola, Inc MPC8266AVR Datasheet HTML 7Page - Motorola, Inc MPC8266AVR Datasheet HTML 8Page - Motorola, Inc MPC8266AVR Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
4
MPC826xA (HiP4) Family Hardware Specifications
MOTOROLA
Features
— Dedicated interface logic for SDRAM
CPU core can be disabled and the device can be used in slave mode to an external core
Communications processor module (CPM)
— Embedded 32-bit communications processor (CP) uses a RISC architecture for flexible
support for communications protocols
— Interfaces to G2 core through on-chip 32-Kbyte dual-port RAM and DMA controller
— Serial DMA channels for receive and transmit on all serial channels
— Parallel I/O registers with open-drain and interrupt capability
— Virtual DMA functionality executing memory-to-memory and memory-to-I/O transfers
— Three fast communications controllers supporting the following protocols (only FCC1 and
FCC2 on the MPC8255):
– 10/100-Mbit Ethernet/IEEE 802.3 CDMA/CS interface through media independent
interface (MII)
– ATM—Full-duplex SAR protocols at 155 Mbps, through UTOPIA interface, AAL5,
AAL1, AAL0 protocols, TM 4.0 CBR, VBR, UBR, ABR traffic types, up to 16 K external
connections
– Transparent
– HDLC—Up to T3 rates (clear channel)
— Two multichannel controllers (MCCs) (only MCC2 on the MPC8255)
– Each MCC handles 128 serial, full-duplex, 64-Kbps data channels.Each MCC can be split
into four subgroups of 32 channels each.
– Almost any combination of subgroups can be multiplexed to single or multiple TDM
interfaces up to four TDM interfaces per MCC
— Four serial communications controllers (SCCs) identical to those on the MPC860, supporting
the digital portions of the following protocols:
– Ethernet/IEEE 802.3 CDMA/CS
– HDLC/SDLC and HDLC bus
– Universal asynchronous receiver transmitter (UART)
– Synchronous UART
– Binary synchronous (BISYNC) communications
– Transparent
— Two serial management controllers (SMCs), identical to those of the MPC860
– Provide management for BRI devices as general circuit interface (GCI) controllers in time-
division-multiplexed (TDM) channels
– Transparent
– UART (low-speed operation)
— One serial peripheral interface identical to the MPC860 SPI
— One inter-integrated circuit (I2C) controller (identical to the MPC860 I2C controller)
– Microwire compatible
– Multiple-master, single-master, and slave modes
— Up to eight TDM interfaces (four on the MPC8255)


Similar Part No. - MPC8266AVR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8260 FREESCALE-MPC8260 Datasheet
513Kb / 16P
   UPM Timing Diagram
MPC8260A FREESCALE-MPC8260A Datasheet
889Kb / 52P
   PowerQUICC??II Integrated Communications Processor Hardware Specifications
logo
Motorola, Inc
MPC8260AEC MOTOROLA-MPC8260AEC Datasheet
347Kb / 48P
   MPC826xA (HiP4) Family Hardware Specifications
logo
Freescale Semiconductor...
MPC8260EC FREESCALE-MPC8260EC Datasheet
754Kb / 41P
   PowerQUICC II Integrated Communications Processor Hardware Specifications
MPC826XACVR FREESCALE-MPC826XACVR Datasheet
889Kb / 52P
   PowerQUICC??II Integrated Communications Processor Hardware Specifications
More results

Similar Description - MPC8266AVR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC8260AEC MOTOROLA-MPC8260AEC Datasheet
347Kb / 48P
   MPC826xA (HiP4) Family Hardware Specifications
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Family Hardware Specifications
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Family Hardware Specifications
logo
Freescale Semiconductor...
MAC7100 FREESCALE-MAC7100 Datasheet
1Mb / 56P
   Microcontroller Family Hardware Specifications
MPC862 FREESCALE-MPC862_06 Datasheet
1Mb / 88P
   PowerQUICC??Family Hardware Specifications
MPC860 FREESCALE-MPC860_07 Datasheet
1Mb / 80P
   PowerQUICC??Family Hardware Specifications
MPC8270VVUPEA FREESCALE-MPC8270VVUPEA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8270ZQMIBA FREESCALE-MPC8270ZQMIBA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8247VRTMFA FREESCALE-MPC8247VRTMFA Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
logo
Motorola, Inc
MPC8280 MOTOROLA-MPC8280 Datasheet
1Mb / 76P
   PowerQUICC II Family Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com