Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0402C0G1C560JT Datasheet(PDF) 7 Page - TDK Electronics

Part # C0402C0G1C560JT
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C0402C0G1C560JT Datasheet(HTML) 7 Page - TDK Electronics

Back Button C0402C0G1C560JT Datasheet HTML 3Page - TDK Electronics C0402C0G1C560JT Datasheet HTML 4Page - TDK Electronics C0402C0G1C560JT Datasheet HTML 5Page - TDK Electronics C0402C0G1C560JT Datasheet HTML 6Page - TDK Electronics C0402C0G1C560JT Datasheet HTML 7Page - TDK Electronics C0402C0G1C560JT Datasheet HTML 8Page - TDK Electronics C0402C0G1C560JT Datasheet HTML 9Page - TDK Electronics C0402C0G1C560JT Datasheet HTML 10Page - TDK Electronics C0402C0G1C560JT Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
— 6 —
(continued)
No.
Item
Performance
Test or inspection method
11
Solderability
(C0402)
Both end faces and the contact areas
shall be covered with a smooth and
bright solder coating with no more than
a small amount of scattered
imperfections such as pinholes or
un-wetted or de-wetted areas.
These imperfections shall not be
concentrated in one area.
(Others)
New solder to cover over 75% of termination.
25% may have pin holes or rough spots
but not concentrated in one spot.
Ceramic surface of A sections shall not
be exposed due to melting or shifting of
termination material.
Completely soak both terminations in
solder at 235±5°C for 2 ± 0.5s.
Solder : H63A (JIS Z 3282)
Flux: Isopropyl alcohol (JIS K 8839)
Rosin (JIS K 5902) 25% solid
solution.
Only reflow soldering applicable to
C0402.
Peak condition
Temp. : 235±5°C
Time: 2±0.5s.
Preheating condition
Temp. : 150±10°C
Time: 1 to 2min.
A section


Similar Part No. - C0402C0G1C560JT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0402C0G1C560J TDK-C0402C0G1C560J Datasheet
1Mb / 72P
   C Series General Application
C0402C0G1C560J TDK-C0402C0G1C560J Datasheet
1Mb / 72P
   MULTILAYER CERAMIC CHIP CAPACITORS
C0402C0G1C560J TDK-C0402C0G1C560J Datasheet
1Mb / 72P
   MULTILAYER CERAMIC CHIP CAPACITORS
C0402C0G1C560J020BC TDK-C0402C0G1C560J020BC_16 Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0402C0G1C560J020BC TDK-C0402C0G1C560J020BC_17 Datasheet
182Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C0402C0G1C560JT

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com