Electronic Components Datasheet Search |
|
MPC8266ACZU Datasheet(PDF) 5 Page - Motorola, Inc |
|
MPC8266ACZU Datasheet(HTML) 5 Page - Motorola, Inc |
5 / 48 page MOTOROLA MPC826xA (HiP4) Family Hardware Specifications 5 Features – Supports two groups of four TDM channels for a total of eight TDMs – 2,048 bytes of SI RAM – Bit or byte resolution – Independent transmit and receive routing, frame synchronization – Supports T1, CEPT, T1/E1, T3/E3, pulse code modulation highway, ISDN basic rate, ISDN primary rate, Motorola interchip digital link (IDL), general circuit interface (GCI), and user-defined TDM serial interfaces — Eight independent baud rate generators and 20 input clock pins for supplying clocks to FCCs, SCCs, SMCs, and serial channels — Four independent 16-bit timers that can be interconnected as two 32-bit timers Additional features of the MPC826xA family are as follows: • CPM — 32-Kbyte dual-port RAM — Additional MCC host commands — Eight transfer transmission convergence (TC) layers between the TDMs and FCC2 to support inverse multiplexing for ATM capabilities (IMA) (MPC8264 and MPC8266 only) • CPM multiplexing — FCC2 can also be connected to the TC layer. • TC layer (MPC8264 and MPC8266 only) — Each of the 8 TDM channels is routed in hardware to a TC layer block – Protocol-specific overhead bits may be discarded or routed to other controllers by the SI – Performing ATM TC layer functions (according to ITU-T I.432) – Transmit (Tx) updates – Cell HEC generation – Payload scrambling using self synchronizing scrambler (programmable by the user) – Coset generation (programmable by the user) – Cell rate by inserting idle/unassigned cells – Receive (Rx) updates – Cell delineation using bit by bit HEC checking and programmable ALPHA and DELTA parameters for the delineation state machine – Payload descrambling using self synchronizing scrambler (programmable by the user) – Coset removing (programmable by the user) – Filtering idle/unassigned cells (programmable by the user) – Performing HEC error detection and single bit error correction (programmable by user) – Generating loss of cell delineation status/interrupt (LOC/LCD) — Operates with FCC2 (UTOPIA 8) — Provides serial loop back mode — Cell echo mode is provided — Supports both FCC transmit modes – External rate mode—Idle cells are generated by the FCC (microcode) to control data rate. |
Similar Part No. - MPC8266ACZU |
|
Similar Description - MPC8266ACZU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |