Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0402C0G1C220KT Datasheet(PDF) 4 Page - TDK Electronics

Part # C0402C0G1C220KT
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C0402C0G1C220KT Datasheet(HTML) 4 Page - TDK Electronics

  C0402C0G1C220KT Datasheet HTML 1Page - TDK Electronics C0402C0G1C220KT Datasheet HTML 2Page - TDK Electronics C0402C0G1C220KT Datasheet HTML 3Page - TDK Electronics C0402C0G1C220KT Datasheet HTML 4Page - TDK Electronics C0402C0G1C220KT Datasheet HTML 5Page - TDK Electronics C0402C0G1C220KT Datasheet HTML 6Page - TDK Electronics C0402C0G1C220KT Datasheet HTML 7Page - TDK Electronics C0402C0G1C220KT Datasheet HTML 8Page - TDK Electronics C0402C0G1C220KT Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
— 3 —
3. RATED CAPACITANCE AND CAPACITANCE TOLERANCE
3.1 Standard combination of rated capacitance and tolerances
Class
Temperature
Characteristics
Capacitance tolerance
Rated capacitance
1
C H
C0G
10pF and
under
B (±0.1 pF)
C (±0.25pF)
0.5, 1, 1.5, 2, 2.2, 3, 3.3, 4, 4.7, 5
D (±0.5pF)
6, 6.8, 7, 8, 9, 10
12pF to
10,000pF
J (± 5 %)
K (± 10 %)
E – 12 series
Over
10,000pF
E – 6 series
2
J B
X5R
X6S
X7R
X7S
X7T
10uF and
under
K (± 10 %)
M (± 20 %)
E – 6 series
Over 10uF
M (± 20 %)
3.2 Capacitance Step in E series
E series
Capacitance Step
E- 3
1.0
2.2
4.7
E- 6
1.0
1.5
2.2
3.3
4.7
6.8
E-12
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
4. OPERATING TEMPERATURE RANGE
T.C.
Min. operating
Temperature
Max. operating
Temperature
Reference
Temperature
C H
J B
-25°C
85°C
20°C
X5R
-55°C
85°C
25°C
X6S
-55°C
105°C
25°C
X7R
X7S
X7T
C0G
-55°C
125°C
25°C
5. STORING CONDITION AND TERM
5 to 40°C at 20 to 70%RH
6 months Max.
6. P.C. BOARD
When mounting on an aluminum substrate, large case sizes such as C3225, C4532 and C5750
types are more likely to be affected by heat stress from the substrate.
Please inquire separate specification for the large case sizes when mounted on the substrate.
7. INDUSTRIAL WASTE DISPOSAL
Dispose this product as industrial waste in accordance with the Industrial Waste Law.


Similar Part No. - C0402C0G1C220KT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0402C0G1C220K020BC TDK-C0402C0G1C220K020BC_16 Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0402C0G1C220K020BC TDK-C0402C0G1C220K020BC_17 Datasheet
181Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C0402C0G1C220KT

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com