Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA5553PS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SAA5553PS
Description  Standard TV Microcontrollers with On-Screen Display(OSD)
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5553PS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SAA5553PS Datasheet HTML 5Page - NXP Semiconductors SAA5553PS Datasheet HTML 6Page - NXP Semiconductors SAA5553PS Datasheet HTML 7Page - NXP Semiconductors SAA5553PS Datasheet HTML 8Page - NXP Semiconductors SAA5553PS Datasheet HTML 9Page - NXP Semiconductors SAA5553PS Datasheet HTML 10Page - NXP Semiconductors SAA5553PS Datasheet HTML 11Page - NXP Semiconductors SAA5553PS Datasheet HTML 12Page - NXP Semiconductors SAA5553PS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
1999 Oct 27
9
Philips Semiconductors
Preliminary specification
Standard TV microcontrollers with
On-Screen Display (OSD)
SAA55xx
COR
29
43
O
Open-drain, active LOW output which allows selective
contrast reduction of the TV picture to enhance a
mixed mode display.
VDDA
31
45
+3.3 V analog power supply
B
32
46
O
Pixel rate output of the BLUE colour information.
G
33
47
O
Pixel rate output of the GREEN colour information.
R
34
48
O
Pixel rate output of the RED colour information.
VDS
35
52
O
Video/data switch push-pull output for dot rate fast
blanking.
HSYNC
36
53
I
Schmitt triggered input for a TTL-level version of the
horizontal sync pulse; the polarity of this pulse is
programmable by register bit TXT1.H POLARITY.
VSYNC
37
55
I
Schmitt triggered input for a TTL-level version of the
vertical sync pulse; the polarity of this pulse is
programmable by register bit TXT1.V POLARITY.
VSSP
38
12, 60
periphery ground
VDDC
39
63
+3.3 V core power supply
OSCGND
40
69
crystal oscillator ground
XTALIN
41
70
I
12 MHz crystal oscillator input
XTALOUT
42
71
O
12 MHz crystal oscillator output
RESET
43
73
I
If the reset input is HIGH for at least 2 machine cycles
(24 oscillator periods) while the oscillator is running,
the device is reset; this pin should be connected to
VDDP via a capacitor.
VDDP
44
75
+3.3 V periphery power supply
P1.0/INT1
45
76
I/O
Port 1. 8-bit programmable bidirectional port with
alternative functions.
P1.0/INT1 is external interrupt 1 which can be
triggered on the rising and falling edge of the pulse.
P1.1/T0 is the counter/Timer 0. P1.2/INT0 is external
interrupt 0. P1.3/T1 is the counter/Timer 1. P1.6/SCL0
is the serial clock input for the I2C-bus and P1.7/SDA0
is the serial data port for the I2C-bus. P1.4/SCL1 is the
serial clock input for the I2C-bus. P1.5/SDA1 is the
serial data port for the I2C-bus.
P1.1/T0
46
78
I/O
P1.2/INT0
47
79
I/O
P1.3/T1
48
80
I/O
P1.6/SCL0
49
81
I/O
P1.7/SDA0
50
82
I/O
P1.4/SCL1
51
83
I/O
P1.5/SDA1
52
84
I/O
VPE_2
62
I
OTP programming voltage
n.c.
3, 7 to 10,14, 15,
19 to 21, 23, 26, 27, 33,
36 to 40, 49 to 51,
56 to 58, 61, 64 to 68,
72, 74, 77, 85 to 92, 99
not connected
SYMBOL
PIN
TYPE
DESCRIPTION
SDIP52
LQFP100


Similar Part No. - SAA5553PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5540PS/NNNN PHILIPS-SAA5540PS/NNNN Datasheet
348Kb / 84P
   TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
SAA5541PS/NNNN PHILIPS-SAA5541PS/NNNN Datasheet
348Kb / 84P
   TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
SAA5542PS/NNNN PHILIPS-SAA5542PS/NNNN Datasheet
348Kb / 84P
   TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
SAA5543PS/NNNN PHILIPS-SAA5543PS/NNNN Datasheet
348Kb / 84P
   TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
SAA5547PS/NNNN PHILIPS-SAA5547PS/NNNN Datasheet
348Kb / 84P
   TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
More results

Similar Description - SAA5553PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA567X PHILIPS-SAA567X Datasheet
532Kb / 116P
   Enhanced TV microcontrollers with On-Screen Display (OSD)
2002 May 06
SAA56XX PHILIPS-SAA56XX Datasheet
450Kb / 112P
   Enhanced TV microcontrollers with On-Screen Display (OSD)
2001 Dec 13
SAA55XX PHILIPS-SAA55XX Datasheet
348Kb / 84P
   TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
SAA5288 PHILIPS-SAA5288 Datasheet
508Kb / 48P
   TV microcontroller with full screen On Screen Display OSD
1997 Jun 24
logo
Texas Instruments
TLS1255 TI1-TLS1255 Datasheet
139Kb / 7P
[Old version datasheet]   VIDEO PREAMPLIFIER SYSTEM WITH ON-SCREEN DISPLAY (OSD)MIXER
logo
Sanyo Semicon Device
LA7696 SANYO-LA7696 Datasheet
146Kb / 6P
   Color TV ON-Screen Display Interface
logo
National Semiconductor ...
LM1283 NSC-LM1283 Datasheet
401Kb / 13P
   140 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1281 NSC-LM1281 Datasheet
391Kb / 14P
   85 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1282 NSC-LM1282 Datasheet
488Kb / 14P
   110 MHz RGB Video Amplifier System with On Screen Display (OSD)
logo
STMicroelectronics
ST6365 STMICROELECTRONICS-ST6365 Datasheet
861Kb / 84P
   8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com