Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA5522PS Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SAA5522PS
Description  Standard TV Microcontrollers with On-Screen Display(OSD)
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5522PS Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SAA5522PS Datasheet HTML 4Page - NXP Semiconductors SAA5522PS Datasheet HTML 5Page - NXP Semiconductors SAA5522PS Datasheet HTML 6Page - NXP Semiconductors SAA5522PS Datasheet HTML 7Page - NXP Semiconductors SAA5522PS Datasheet HTML 8Page - NXP Semiconductors SAA5522PS Datasheet HTML 9Page - NXP Semiconductors SAA5522PS Datasheet HTML 10Page - NXP Semiconductors SAA5522PS Datasheet HTML 11Page - NXP Semiconductors SAA5522PS Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
1999 Oct 27
8
Philips Semiconductors
Preliminary specification
Standard TV microcontrollers with
On-Screen Display (OSD)
SAA55xx
6.2
Pin description
Table 1
SDIP52 and LQFP100 packages
SYMBOL
PIN
TYPE
DESCRIPTION
SDIP52
LQFP100
P2.0/TPWM
1
100
I/O
Port 2. 8-bit programmable bidirectional port with
alternative functions.
P2.0/TPWM is the output for the 14-bit high precision
PWM and P2.1/PWM0 to P2.7/PWM6 are the outputs
for the 6-bit PWMs 0 to 6.
P2.1/PWM0
2
93
I/O
P2.2/PWM1
3
94
I/O
P2.3/PWM2
4
95
I/O
P2.4/PWM3
5
96
I/O
P2.5/PWM4
6
97
I/O
P2.6/PWM5
7
98
I/O
P2.7/PWM6
8
1
I/O
P3.0/ADC0
9
2
I/O
Port 3. 8-bit programmable bidirectional port with
alternative functions.
P3.0/ADC0 to P3.3/ADC3 are the inputs for the
software ADC facility and P3.4/PWM7 is the output for
the 6-bit PWM7. P3.5 to P3.7 have no alternative
functions and are only available with the LQFP100
package.
P3.1/ADC1
10
4
I/O
P3.2/ADC2
11
5
I/O
P3.3/ADC3
12
6
I/O
P3.4/PWM7
30
44
I/O
P3.5
54
I/O
P3.6
59
I/O
P3.7
25
I/O
VSSC
13
11
core ground
P0.0
14
16
I/O
Port 0. 8-bit programmable bidirectional port.
P0.5 and P0.6 have 8 mA current sinking capability for
direct drive of LEDs.
P0.1
15
17
I/O
P0.2
16
18
I/O
P0.3
17
22
I/O
P0.4
18
24
I/O
P0.5
19
13
I/O
P0.6
20
28
I/O
P0.7
21
29
I/O
VSSA
22
30
analog ground
CVBS0
23
31
I
Composite video input. A positive-going 1 V
(peak-to-peak) input is required; connected via a
100 nF capacitor.
CVBS1
24
32
I
SYNC_FILTER
25
34
I
CVBS sync filter input. This pin should be connected to
VSSA via a 100 nF capacitor.
IREF
26
35
I
Reference current input for analog circuits, connected
to VSSA via a 24 kΩ resistor.
FRAME
27
41
O
De-interlace output synchronized with the VSYNC
pulse to produce a non-interlaced display by
adjustment of the vertical deflection circuits.
VPE
28
42
I
OTP programming voltage


Similar Part No. - SAA5522PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5540PS/NNNN PHILIPS-SAA5540PS/NNNN Datasheet
348Kb / 84P
   TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
SAA5541PS/NNNN PHILIPS-SAA5541PS/NNNN Datasheet
348Kb / 84P
   TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
SAA5542PS/NNNN PHILIPS-SAA5542PS/NNNN Datasheet
348Kb / 84P
   TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
SAA5543PS/NNNN PHILIPS-SAA5543PS/NNNN Datasheet
348Kb / 84P
   TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
SAA5547PS/NNNN PHILIPS-SAA5547PS/NNNN Datasheet
348Kb / 84P
   TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
More results

Similar Description - SAA5522PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA567X PHILIPS-SAA567X Datasheet
532Kb / 116P
   Enhanced TV microcontrollers with On-Screen Display (OSD)
2002 May 06
SAA56XX PHILIPS-SAA56XX Datasheet
450Kb / 112P
   Enhanced TV microcontrollers with On-Screen Display (OSD)
2001 Dec 13
SAA55XX PHILIPS-SAA55XX Datasheet
348Kb / 84P
   TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
SAA5288 PHILIPS-SAA5288 Datasheet
508Kb / 48P
   TV microcontroller with full screen On Screen Display OSD
1997 Jun 24
logo
Texas Instruments
TLS1255 TI1-TLS1255 Datasheet
139Kb / 7P
[Old version datasheet]   VIDEO PREAMPLIFIER SYSTEM WITH ON-SCREEN DISPLAY (OSD)MIXER
logo
Sanyo Semicon Device
LA7696 SANYO-LA7696 Datasheet
146Kb / 6P
   Color TV ON-Screen Display Interface
logo
National Semiconductor ...
LM1283 NSC-LM1283 Datasheet
401Kb / 13P
   140 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1281 NSC-LM1281 Datasheet
391Kb / 14P
   85 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1282 NSC-LM1282 Datasheet
488Kb / 14P
   110 MHz RGB Video Amplifier System with On Screen Display (OSD)
logo
STMicroelectronics
ST6365 STMICROELECTRONICS-ST6365 Datasheet
861Kb / 84P
   8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com