Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV3029C2 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # RV3029C2
Description  Real Time Clock - I2C Bus
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

RV3029C2 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  RV3029C2 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Real Time Clock - I2C Bus
RV3029C2
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
03 May 2012
Features
Temperature compensated accuracy
AEC Q200 Rev C compliant
Compliant with I2C-Bus interface (400kHz)
Backup battery input (internal switchover)
Programmable alarm, timer and interrupt
1.20
(max)
5.20
(max)
3.40
(max)
SOLDER PAD LAYOUT
TOP VIEW
2.20
0.60
1.00
0.90
0.40
1.00
PAD
1
2
3
4
5
CONNECTION
Supply (VDD)
Frequency output (CLKOUT)
Not connected
Serial clock input (SCL)
Data (SDA)
PAD
6
7
8
9
10
CONNECTION
Ground
Interrupt output (/INT)
Backup supply
Not connected
CLK output enable (CLKOE)
15
6
10
Option
Codes
RV3029C2
Product
Parameters
Product + option code
eg: RV3029C2/B ±25ppm -40+85°C
Option code X (eg RV3029C2/X) denotes a custom spec.
Ordering Information
Standard. Optional - Please specify required code(s) when ordering
Specifications
Available on T&R - 1k or 5k pcs per reel
Evaluation / development board & manual available on request
The I2C-Bus is a trademark of Philips Electronics NV
Block Diagram
The RV3029C2 is a Real-Time-Clock Module with embedded crystal. This
RTC has an I2C Bus (2-wire Serial Interface) and offers temperature
compensated time. The STC (Smart Temperature Compensation) can be
factory calibrated to achieve a very high time-accuracy of ±6ppm from
-40°C to +85°C (option A) and ± 8ppm from -40°C to +125°C (option C).
Beside standard RTC functions, it includes a Backup-Battery Input with
internal switchover function, a programmable trickle-charge circuitry, an
integrated temperature sensor with digital output and offers 8 Bytes RAM
and 2 Bytes EEPROM for customer application.
The calendar function tracks year and leap-year flags. The clock tracks
second, minute and hour in 24-hour format. Programmable alarm setting
and universal timer functions increase flexibility.
Description
Manufactured by Micro Crystal
Stocked & distributed by Golledge
Frequencies (selectable):
32.768kHz, 1024Hz, 32Hz & 1Hz
Frequency tolerance @ 25°C:
±10ppm typ, ±20ppm max
Time accuracy:
±3ppm max (0.26s/day) @ 25°C
±6ppm max (0.52s/day), -40+85°C
A
±25ppm max (2.17s/day), -40+85°C
B
±8ppm max (0.70s/day), -40+125°C
D
±30ppm max (2.60s/day), -40+125°C
E
Operating temperature range:
-40 to +85°C
Extended op. temp range:
-40 to +125°C
Storage temperature range:
-55 to +125°C
Supply voltage (V
DD):
I2C bus active 1.8 ~ 5.5V
Time-keeping mode 1.3 ~ 5.5V
Supply current (V
DD=3.0V):
0.80μA typ, 1.0μA max
Shock and vibration resistance:
±5ppm, 5,000g, 0.3ms, ½ sine
±5ppm, 20g, 10.0 ~ 2,000Hz
Soldering condition:
Reflow, 260°C, 20 sec max


Similar Part No. - RV3029C2

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
RV3029C2 GOLLEDGE-RV3029C2 Datasheet
748Kb / 5P
   RTC I C Bus
RV3029C2/B GOLLEDGE-RV3029C2/B Datasheet
139Kb / 1P
   Real Time Clock - I2C Bus
RV3029C2 GOLLEDGE-RV3029C2_16 Datasheet
139Kb / 1P
   Real Time Clock - I2C Bus
RV3029C2 GOLLEDGE-RV3029C2_18 Datasheet
748Kb / 5P
   RTC I C Bus
More results

Similar Description - RV3029C2

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3 Datasheet
156Kb / 1P
   Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3_16 Datasheet
155Kb / 1P
   Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3 Datasheet
155Kb / 1P
   Real Time Clock - I2C Bus
RV3029C2 GOLLEDGE-RV3029C2_16 Datasheet
139Kb / 1P
   Real Time Clock - I2C Bus
logo
Epson Company
RA8900SA EPSON-RA8900SA Datasheet
335Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
RTC-8564NB EPSON-RTC-8564NB Datasheet
298Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
RX-8035SA EPSON-RX-8035SA Datasheet
283Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
logo
Diodes Incorporated
PT7C433833A DIODES-PT7C433833A Datasheet
2Mb / 20P
   Real-time Clock Module (I2C Bus)
Rev 2 - 2 June 2019
logo
Pericom Semiconductor C...
PT7C4307 PERICOM-PT7C4307 Datasheet
516Kb / 20P
   Real-time Clock Module (I2C Bus)
PT7C433833 PERICOM-PT7C433833 Datasheet
626Kb / 17P
   Real-time Clock Module (I2C Bus)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com