Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5106 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM5106
Description  100-V Half-Bridge Gate Driver With Programmable Dead-Time
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5106 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5106 Datasheet HTML 3Page - Texas Instruments LM5106 Datasheet HTML 4Page - Texas Instruments LM5106 Datasheet HTML 5Page - Texas Instruments LM5106 Datasheet HTML 6Page - Texas Instruments LM5106 Datasheet HTML 7Page - Texas Instruments LM5106 Datasheet HTML 8Page - Texas Instruments LM5106 Datasheet HTML 9Page - Texas Instruments LM5106 Datasheet HTML 10Page - Texas Instruments LM5106 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
HO
10%
DT1
DT2
LO
10%
90%
90%
MDT = |DT1-DT2|
10%
90%
90%
10%
tLPHL
IN
LO
HO
tHPLH
tHPHL
tLPLH
VIL
VIH
LM5106
www.ti.com
SNVS424D – JANUARY 2006 – REVISED DECEMBER 2014
Figure 2. LM5106 Switching Time Definitions: tLPLH, tLPHL, tHPLH, tHPHL
Figure 3. LM5106 Dead-time: DT
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5106


Similar Part No. - LM5106

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5106 NSC-LM5106 Datasheet
718Kb / 12P
   100V Half Bridge Gate Driver with Programmable
LM5106MM NSC-LM5106MM Datasheet
718Kb / 12P
   100V Half Bridge Gate Driver with Programmable
LM5106MMX NSC-LM5106MMX Datasheet
718Kb / 12P
   100V Half Bridge Gate Driver with Programmable
LM5106SD NSC-LM5106SD Datasheet
718Kb / 12P
   100V Half Bridge Gate Driver with Programmable
LM5106SDX NSC-LM5106SDX Datasheet
718Kb / 12P
   100V Half Bridge Gate Driver with Programmable
More results

Similar Description - LM5106

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5105SD-NOPB TI1-LM5105SD-NOPB Datasheet
891Kb / 19P
[Old version datasheet]   Half Bridge Gate Driver with Programmable Dead-Time
logo
National Semiconductor ...
LM5105 NSC-LM5105 Datasheet
743Kb / 12P
   100V Half Bridge Gate Driver with Programmable Dead-time
logo
Texas Instruments
LM5105 TI1-LM5105_16 Datasheet
1,004Kb / 23P
[Old version datasheet]   100V Half Bridge Gate Driver With Programmable Dead-Time
LM5105 TI-LM5105_15 Datasheet
945Kb / 21P
[Old version datasheet]   LM5105 100V Half Bridge Gate Driver with Programmable Dead-Time
logo
Analog Devices
ADUM4221 AD-ADUM4221 Datasheet
735Kb / 19P
   Isolated, Half Bridge Gate Driver with Adjustable Dead Time, 4 A Output
logo
National Semiconductor ...
LM5106 NSC-LM5106 Datasheet
718Kb / 12P
   100V Half Bridge Gate Driver with Programmable
logo
Analog Devices
LTC7060 AD-LTC7060 Datasheet
2Mb / 18P
   100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
ADUM4221 AD-ADUM4221_V01 Datasheet
1Mb / 24P
   Isolated, Half Bridge Gate Drivers with Adjustable Dead Time, 4 A Output
Rev. B
logo
Texas Instruments
LMG1210 TI1-LMG1210 Datasheet
601Kb / 23P
[Old version datasheet]   200-V, 1.5-A, 3-A Half-Bridge GaN Driver With Adjustable Dead Time
logo
IXYS Corporation
IX21844 IXYS-IX21844 Datasheet
307Kb / 14P
   Programmable Dead-Time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com