Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5104 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM5104
Description  High-Voltage Half-Bridge Gate Driver With Adaptive Delay
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5104 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5104 Datasheet HTML 3Page - Texas Instruments LM5104 Datasheet HTML 4Page - Texas Instruments LM5104 Datasheet HTML 5Page - Texas Instruments LM5104 Datasheet HTML 6Page - Texas Instruments LM5104 Datasheet HTML 7Page - Texas Instruments LM5104 Datasheet HTML 8Page - Texas Instruments LM5104 Datasheet HTML 9Page - Texas Instruments LM5104 Datasheet HTML 10Page - Texas Instruments LM5104 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (°C)
6.30
6.40
6.50
6.60
6.70
6.80
6.90
7.00
7.10
7.20
7.30
VHBR
VDDR
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (°C)
0.100
0.200
0.300
0.400
0.500
0.600
0.700
VDD = VHB = 8V
VDD = VHB = 12V
VDD = VHB = 16V
1.00E-06
1.00E-05
1.00E-04
1.00E-03
1.00E-02
1.00E-01
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
VD (V)
T = 25°C
T = -40°C
T = 150°C
-25 0
_
25 50
_ 75_100_125_150_
TEMPERATURE (
oC)
0.30
0.35
0.40
0.45
0.50
0.55
0.60
-50
VHBH
VDDH
0.1
1
10
100
1000
FREQUENCY (kHz)
10
100
1000
10000
100000
HB = 12V,
HS = 0V
CL = 470 pF
CL = 0 pF
CL = 4400 pF
CL = 2200 pF
CL = 1000 pF
2
4
6
8
10
12
HO, LO (V)
0
SINKING
SOURCING
VDD = VHB = 12V, HS = 0V
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
LM5104
www.ti.com
SNVS269D – JANUARY 2004 – REVISED DECEMBER 2014
Typical Characteristics (continued)
Figure 6. HO & LO Peak Output Current vs Output Voltage
Figure 5. IHB vs Frequency
Figure 8. Undervoltage Threshold Hysteresis vs
Figure 7. Diode Forward Voltage
Temperature
Figure 9. Undervoltage Rising Threshold vs Temperature
Figure 10. LO and HO Gate Drive—High-Level Output
Voltage vs Temperature
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5104


Similar Part No. - LM5104

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5104 NSC-LM5104 Datasheet
375Kb / 12P
   High Voltage Half-Bridge Gate Driver with Adaptive Delay
LM5104M NSC-LM5104M Datasheet
375Kb / 12P
   High Voltage Half-Bridge Gate Driver with Adaptive Delay
LM5104MX NSC-LM5104MX Datasheet
375Kb / 12P
   High Voltage Half-Bridge Gate Driver with Adaptive Delay
LM5104SD NSC-LM5104SD Datasheet
375Kb / 12P
   High Voltage Half-Bridge Gate Driver with Adaptive Delay
LM5104SDX NSC-LM5104SDX Datasheet
375Kb / 12P
   High Voltage Half-Bridge Gate Driver with Adaptive Delay
More results

Similar Description - LM5104

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5104 NSC-LM5104 Datasheet
375Kb / 12P
   High Voltage Half-Bridge Gate Driver with Adaptive Delay
logo
Texas Instruments
SM74104 TI-SM74104 Datasheet
1Mb / 25P
[Old version datasheet]   SM74104 High Voltage Half-Bridge Gate Driver with Adaptive Delay
logo
National Semiconductor ...
LM5102 NSC-LM5102 Datasheet
368Kb / 13P
   High Voltage Half-Bridge Gate Driver with Programmable Delay
logo
Texas Instruments
LM5102MM TI1-LM5102MM Datasheet
958Kb / 19P
[Old version datasheet]   LM5102 High Voltage Half-Bridge Gate Driver with Programmable Delay
LM5102 TI-LM5102_15 Datasheet
957Kb / 22P
[Old version datasheet]   LM5102 High-Voltage Half-Bridge Gate Driver With Programmable Delay
logo
Intersil Corporation
HIP5500 INTERSIL-HIP5500 Datasheet
922Kb / 12P
   High Voltage IC Half Bridge Gate Driver
logo
Alpha & Omega Semicondu...
AGD8252B1 AOSMD-AGD8252B1 Datasheet
516Kb / 9P
   High Voltage Half-Bridge Gate Driver IC
Rev. 1.1 October 2018
logo
STMicroelectronics
STDRIVE601 STMICROELECTRONICS-STDRIVE601 Datasheet
406Kb / 26P
   Triple half-bridge high-voltage gate driver
April 2021 Rev 2
logo
National Semiconductor ...
LM5109B NSC-LM5109B Datasheet
272Kb / 10P
   High Voltage 1A Peak Half Bridge Gate Driver
LM5109A NSC-LM5109A Datasheet
663Kb / 9P
   High Voltage 1A Peak Half Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com