Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM76CHM-5 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM76CHM-5
Description  Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM76CHM-5 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM76CHM-5 Datasheet HTML 6Page - Texas Instruments LM76CHM-5 Datasheet HTML 7Page - Texas Instruments LM76CHM-5 Datasheet HTML 8Page - Texas Instruments LM76CHM-5 Datasheet HTML 9Page - Texas Instruments LM76CHM-5 Datasheet HTML 10Page - Texas Instruments LM76CHM-5 Datasheet HTML 11Page - Texas Instruments LM76CHM-5 Datasheet HTML 12Page - Texas Instruments LM76CHM-5 Datasheet HTML 13Page - Texas Instruments LM76CHM-5 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LM76
SNIS109E – JANUARY 2000 – REVISED MARCH 2013
www.ti.com
SHUTDOWN MODE
Shutdown mode is enabled by setting the shutdown bit in the Configuration register via the Serial Bus. Shutdown
mode reduces power supply current to 5
μA typical. T_CRIT_A is reset if previously set. Since conversions are
stoped during shutdown, T_CRIT_A and INT will not be operational. The Serial Bus interface remains active.
Activity on the clock and data lines of the Serial Bus may slightly increase shutdown mode quiescent current.
Registers can be read from and written to in shutdown mode. The LM76 takes miliseconds to respond to the
shutdown command.
INT AND T_CRIT_A OUTPUT
The INT and T_CRIT_A outputs are open-drain outputs and do not have internal pull-ups. A "high" level will not
be observed on these pins until pull-up current is provided from some external source, typically a pull-up resistor.
Choice of resistor value depends on many system factors but, in general, the pull-up resistor should be as large
as possible. This will minimize any errors due to internal heating of the LM76. The maximum resistance of the
pull up, based on LM76 specification for High Level Output Current, to provide a 2 volt high level, is 30K ohms.
FAULT QUEUE
A fault queue of up to 4 faults is provided to prevent false tripping when the LM76 is used in noisy environments.
The 4 faults must occur consecutively to set flags as well as INT and T_CRIT_A outputs. The fault queue is
enabled by setting bit 4 of the Configuration Register high (see CONFIGURATION REGISTER ).
INTERNAL REGISTER STRUCTURE
There are four data registers in the LM76, selected by the Pointer register. At power-up the Pointer is set to “00”;
the location for the Temperature Register. The Pointer register latches the last location it was set to. In Interrupt
Mode, a read from the LM76 resets the INT output. Placing the device in Shutdown mode resets the INT and
T_CRIT_A outputs. All registers are read and write, except the Temperature register which is read only.
A write to the LM76 will always include the address byte and the Pointer byte. A write to the Configuration
register requires one data byte, while the TLOW, THIGH, and T_CRIT registers require two data bytes.
Reading the LM76 can take place either of two ways: If the location latched in the Pointer is correct (most of the
time it is expected that the Pointer will point to the Temperature register because it will be the data most
frequently read from the LM76), then the read can simply consist of an address byte, followed by retrieving the
corresponding number of data bytes. If the Pointer needs to be set, then an address byte, pointer byte, repeat
start, and another address byte plus required number of data bytes will accomplish a read.
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM76


Similar Part No. - LM76CHM-5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM76CHM-5 NSC-LM76CHM-5 Datasheet
311Kb / 15P
   짹0.5째C, 짹1째C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM76CHM-5 TI1-LM76CHM-5 Datasheet
1Mb / 22P
[Old version datasheet]   LM76 짹0.5째C, 짹1째C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
More results

Similar Description - LM76CHM-5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM77 NSC-LM77 Datasheet
373Kb / 17P
   9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM77 TI-LM77_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM77CIMX-3 TI1-LM77CIMX-3 Datasheet
1Mb / 23P
[Old version datasheet]   LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92 TI-LM92_15 Datasheet
1Mb / 25P
[Old version datasheet]   Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
logo
National Semiconductor ...
LM76 NSC-LM76 Datasheet
311Kb / 15P
   짹0.5째C, 짹1째C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM77CIMMX-3 TI-LM77CIMMX-3 Datasheet
1Mb / 23P
[Old version datasheet]   LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator ith Two-Wire Interface
LM92CIMX TI-LM92CIMX Datasheet
1Mb / 25P
[Old version datasheet]   0.33 Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
logo
National Semiconductor ...
LM92 NSC-LM92_05 Datasheet
808Kb / 17P
   짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92 NSC-LM92 Datasheet
396Kb / 18P
   짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM76CHM-5 TI1-LM76CHM-5 Datasheet
1Mb / 22P
[Old version datasheet]   LM76 짹0.5째C, 짹1째C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com