Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM75BIM-3 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM75BIM-3
Description  Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM75BIM-3 Datasheet(HTML) 1 Page - Texas Instruments

  LM75BIM-3 Datasheet HTML 1Page - Texas Instruments LM75BIM-3 Datasheet HTML 2Page - Texas Instruments LM75BIM-3 Datasheet HTML 3Page - Texas Instruments LM75BIM-3 Datasheet HTML 4Page - Texas Instruments LM75BIM-3 Datasheet HTML 5Page - Texas Instruments LM75BIM-3 Datasheet HTML 6Page - Texas Instruments LM75BIM-3 Datasheet HTML 7Page - Texas Instruments LM75BIM-3 Datasheet HTML 8Page - Texas Instruments LM75BIM-3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
+VS
A0
A1
A2
SCL
SDA
O.S.
GND
8
7
6
5
3
1
2
4
LM75
Address
(Set as desired)
To Processor
Interrupt Line
Interface
100 nF (typ) unless mounted
close to processor
O.S. set to active low
IRUZLUH25¶GPXOWLSOH
interrupt line
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM75B, LM75C
SNIS153D – JULY 2009 – REVISED OCTOBER 2015
LM75x Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
1 Features
3 Description
The LM75B and LM75C are industry-standard digital
1
No External Components Required
temperature sensors with an integrated Sigma-Delta
Shutdown Mode to Minimize Power Consumption
analog-to-digital converter and I2C interface. The
Up to Eight LM75s Can be Connected to a Single
LM75 provides 9-bit digital temperature readings with
Bus
an accuracy of ±2°C from -25°C to 100°C and ±3°C
over –55°C to 125°C.
Power Up Defaults Permit Stand-alone Operation
as Thermostat
Communication
is
accomplished
over
a
2-wire
interface which operates up to 400kHz. The LM75
UL Recognized Component (LM75B and LM75C)
has three address pins, allowing up to eight LM75
Key Specifications:
devices to operate on the same 2-wire bus. The
Supply Voltage
LM75 has a dedicated over-temperature output (O.S.)
LM75B, LM75C: 3 V to 5.5 V
with programmable limit and hystersis. This output
has programmable fault tolerance, which allows the
Supply Current
user to define the number of consecutive error
Operating: 280
μA (typical)
conditions that must occur before O.S. is activated.
Shutdown: 4
μA (typical)
The wide temperature and supply range and I2C
Temperature Accuracy
interface make the LM75 ideal for a number of
−25°C to 100°C: ±2°C (maximum)
applications including base stations, electronic test
equipment, office electronics, personal computers,
−55°C to 125°C: ±3°C (maximum)
and any other system where thermal management is
critical to performance. The LM75B and LM75C are
2 Applications
available in an SOIC package or VSSOP package.
General System Thermal Management
Device Information(1)
Communications Infrastructure
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Electronic Test Equipment
SOIC (8)
4.90 mm x 3.91 mm
Environmental Monitoring
LM75B
VSSOP (8)
3.00 mm x 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM75BIM-3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM75BIM-3 NSC-LM75BIM-3 Datasheet
308Kb / 18P
   Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
LM75BIM-3 NSC-LM75BIM-3 Datasheet
734Kb / 18P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75BIM-3 TI-LM75BIM-3 Datasheet
422Kb / 20P
[Old version datasheet]   LM75B LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75BIM-3 TI1-LM75BIM-3 Datasheet
1Mb / 23P
[Old version datasheet]   LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Maxim Integrated Produc...
LM75BIM-3++ MAXIM-LM75BIM-3+ Datasheet
270Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
Rev 0; 3/09
More results

Similar Description - LM75BIM-3

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G751 GMT-G751_05 Datasheet
257Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
308Kb / 18P
   Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
LM75 NSC-LM75_05 Datasheet
734Kb / 18P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751 GMT-G751_15 Datasheet
63Kb / 1P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
List of Unclassifed Man...
G751 ETC-G751 Datasheet
160Kb / 10P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75A TI1-LM75A Datasheet
1Mb / 21P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75A TI-LM75A_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
LM75B TI1-LM75B_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G753 GMT-G753 Datasheet
33Kb / 1P
   High Accuracy Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com