Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

01S1NB Datasheet(PDF) 2 Page - DIOTEC Electronics Corporation

Part # 01S1NB
Description  1 AMP MINIATURE BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

01S1NB Datasheet(HTML) 2 Page - DIOTEC Electronics Corporation

  01S1NB Datasheet HTML 1Page - DIOTEC Electronics Corporation 01S1NB Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING & CHARACTERISTIC CURVES FOR SERIES S1NB05 - S1NB100
Data Sheet No. BRDI-101-2C
0.75
0.25
0
0.50
1.00
1.25
0
50
100
150
FIGURE 1. FORWARD CURRENT DERATING CURVE
Ambient Temperature, C
1 AMP MINIATURE BRIDGE RECTIFIERS
FIGURE 2. MAXIMUM NON-REPETITIVE SURGE CURRENT
Number of Cycles at 60 Hz
NOTE 2
NOTE 1
E4
60Hz Resistive or Inductive Loads
FIGURE 3. TYPICAL FORWARD CHARACTERISTIC PER DIODE
Instantaneous Forward Voltage (Volts)
0.4
0.6
08
1.0
1.2
1.4
1.6
1.8
0.01
0.1
1.0
NOTE 3
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
NOTES
(1) Mounted on PC Board With 0.5" Sq. (13 mm Sq.) Solder Pads
(3) T = 25 C; Pulse Width = 300 Sec, 1% Duty Cycle
(4) T = 25 C; f = 1 MHz; Vsig = 50mVp-p
m
(2) T = 150 C
FIGURE 5. TYPICAL JUNCTION CAPACITANCE PER DIODE
Reverse Voltage, (Volts)
NOTE 4
FIGURE 4. TYPICAL REVERSE CHARACTERISTICS
Percent of Rated Peak Reverse Voltage
0
40
.01
0.1
1.0
10
100


Similar Part No. - 01S1NB

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
01S101-K20D3 ROSENBERGER-01S101-K20D3 Datasheet
545Kb / 2P
   ADAPTOR
01S101-S20D3 ROSENBERGER-01S101-S20D3 Datasheet
549Kb / 2P
   ADAPTOR
01S108-K00D3 ROSENBERGER-01S108-K00D3 Datasheet
514Kb / 2P
   Adaptor
01S108-S00D3 ROSENBERGER-01S108-S00D3 Datasheet
516Kb / 2P
   Adaptor
More results

Similar Description - 01S1NB

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
S1NB05 DEC-S1NB05 Datasheet
342Kb / 2P
   1 AMP MINIATURE BRIDGE RECTIFIERS
BRDI-100-1C DEC-BRDI-100-1C Datasheet
456Kb / 2P
   1 AMP MINIATURE BRIDGE RECTIFIERS
01DI DEC-01DI Datasheet
456Kb / 2P
   1 AMP MINIATURE BRIDGE RECTIFIERS
BRDI-101-1C DEC-BRDI-101-1C Datasheet
344Kb / 2P
   1 AMP MINIATURE BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
DI100 ETC1-DI100 Datasheet
49Kb / 2P
   1 AMP MINIATURE BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
VE27 NJSEMI-VE27 Datasheet
68Kb / 1P
   1 Amp Epoxy Bridge Rectifiers
logo
DIOTEC Electronics Corp...
FRDI-100-1B DEC-FRDI-100-1B Datasheet
261Kb / 1P
   1 AMP FAST RECOVERY BRIDGE RECTIFIERS
FDI100 DEC-FDI100 Datasheet
259Kb / 1P
   1 AMP FAST RECOVERY BRIDGE RECTIFIERS
01FDI DEC-01FDI Datasheet
261Kb / 1P
   1 AMP FAST RECOVERY BRIDGE RECTIFIERS
logo
Semikron International
SKBB80C1500L5B SEMIKRON-SKBB80C1500L5B Datasheet
75Kb / 3P
   Miniature Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com