Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM70CIMM-3 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM70CIMM-3
Description  LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM70CIMM-3 Datasheet(HTML) 4 Page - Texas Instruments

  LM70CIMM-3 Datasheet HTML 1Page - Texas Instruments LM70CIMM-3 Datasheet HTML 2Page - Texas Instruments LM70CIMM-3 Datasheet HTML 3Page - Texas Instruments LM70CIMM-3 Datasheet HTML 4Page - Texas Instruments LM70CIMM-3 Datasheet HTML 5Page - Texas Instruments LM70CIMM-3 Datasheet HTML 6Page - Texas Instruments LM70CIMM-3 Datasheet HTML 7Page - Texas Instruments LM70CIMM-3 Datasheet HTML 8Page - Texas Instruments LM70CIMM-3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LM70
SNIS112G – JUNE 2000 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1)
Supply Voltage
−0.3V to 6.0V
Voltage at any Pin
−0.3V to V+ + 0.3V
Input Current at any Pin(2)
5 mA
Package Input Current(2)
20 mA
Storage Temperature
−65°C to +150°C
Soldering Information, Lead Temperature
VSSOP-8 and WSON-8 Packages(3)
Vapor Phase (60 seconds)
215°C
Infrared (15 seconds)
220°C
ESD Susceptibility(4)
Human Body Model
3000V
Machine Model
300V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(2)
When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > +VS) the current at that pin should be limited to 5
mA. The 20 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input
current of 5 mA to four.
(3)
See the section titled “Surface Mount” found in a current Linear Data Book for other methods of soldering surface mount devices.
(4)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin.
Operating Ratings
Specified Temperature Range
TMIN to TMAX
See(1)
−55°C to +150°C
Supply Voltage Range (+VS)
+2.65V to +5.5V
(1)
The life expectancy of the LM70 will be reduced when operating at elevated temperatures. LM70
θJA (thermal resistance, junction-to-
ambient) when attached to a printed circuit board with 2 oz. foil is summarized in the table below:Device Number LM70CILD Thermal
Resistance (
θJA), 51.3°C/W, Device Number LM70CIMM Thermal Resistance (θJA), 200°C/W
Temperature-to-Digital Converter Characteristics
Unless otherwise noted, these specifications apply for V
+ = 2.65V to 3.6V for the LM70-3 and V+ = 4.5V to 5.5V for the LM70-
5
(1). Boldface limits apply for T
A = TJ = TMIN to TMAX; all other limits TA = TJ=+25°C, unless otherwise noted.
LM70-5
LM70-3
Units
Parameter
Test Conditions
Typical(2)
Limits(3)
Limits(3)
(Limit)
Temperature Error(1)
TA = −10°C to +65°C
+1.5/
−2.0
+1.5/
−2.0
°C (max)
TA = −40°C to +85°C
±2.0
±2.0
°C (max)
TA = −55°C to +125°C
+3.0/
−2.0
+3.0/
−2.0
°C (max)
TA = −55°C to +150°C
+3.5/
−2.0
+3.5/
−2.0
°C (max)
Resolution
11
Bits
0.25
°C
Temperature Conversion Time
See(4)
140
210
210
ms (max)
Quiescent Current
Serial Bus Inactive
260
490
490
μA (max)
Serial Bus Active
260
μA
Shutdown Mode
12
μA
(1)
Both part numbers of the LM70 will operate properly over the V+ supply voltage range of 2.65V to 5.5V. The temperature error for
temperature ranges of
−10°C to +65°C, −40°C to +85°C, −55°C to +125°C and −55°C to +150°C include error induced by power supply
variation of ±5% from the nominal value. Temperature error will increase by ±0.3°C for a power supply voltage (V+) variation of ±10%
from the nominal value.
(2)
Typicals are at TA = 25°C and represent most likely parametric norm.
(3)
Limits are guaranteed to AOQL (Average Outgoing Quality Level).
(4)
This specification is provided only to indicate how often temperature data is updated. The LM70 can be read at any time without regard
to conversion state (and will yield last conversion result). A conversion in progress will not be interrupted. The output shift register will be
updated at the completion of the read and a new conversion restarted.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM70


Similar Part No. - LM70CIMM-3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM70CIMM-3 NSC-LM70CIMM-3 Datasheet
285Kb / 13P
   SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
LM70CIMM-3 NSC-LM70CIMM-3 Datasheet
691Kb / 14P
   SPI/MICROWIRE 10-Bit plus Sign Digital Temperature
More results

Similar Description - LM70CIMM-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM70CILD-3NOPB TI1-LM70CILD-3NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
logo
National Semiconductor ...
LM70 NSC-LM70 Datasheet
285Kb / 13P
   SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
LM70 NSC-LM70_06 Datasheet
691Kb / 14P
   SPI/MICROWIRE 10-Bit plus Sign Digital Temperature
logo
Texas Instruments
LM71 TI-LM71_15 Datasheet
1Mb / 21P
[Old version datasheet]    SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
National Semiconductor ...
LM71 NSC-LM71 Datasheet
249Kb / 13P
   SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
LM71 NSC-LM71_05 Datasheet
627Kb / 13P
   SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM74 NSC-LM74_05 Datasheet
707Kb / 15P
   SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM95071 TI1-LM95071_15 Datasheet
1,010Kb / 20P
[Old version datasheet]   SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM95071 TI1-LM95071 Datasheet
1,004Kb / 20P
[Old version datasheet]   LM95071/LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
National Semiconductor ...
LM74A NSC-LM74A Datasheet
605Kb / 12P
   SPI/MICROWIRE 12-Bit Plus Sign Temperature Sensor (LM74 in Die Form)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com