Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1400ASN33T1 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1400ASN33T1
Description  100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1400ASN33T1 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1400ASN33T1 Datasheet HTML 6Page - ON Semiconductor NCP1400ASN33T1 Datasheet HTML 7Page - ON Semiconductor NCP1400ASN33T1 Datasheet HTML 8Page - ON Semiconductor NCP1400ASN33T1 Datasheet HTML 9Page - ON Semiconductor NCP1400ASN33T1 Datasheet HTML 10Page - ON Semiconductor NCP1400ASN33T1 Datasheet HTML 11Page - ON Semiconductor NCP1400ASN33T1 Datasheet HTML 12Page - ON Semiconductor NCP1400ASN33T1 Datasheet HTML 13Page - ON Semiconductor NCP1400ASN33T1 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NCP1400A
http://onsemi.com
10
VOUT = 3.0 V, VIN = 1.2 V, IO = 10 mA., L = 22 mH, COUT = 68 mF
1. VLX, 2.0 V/div
2. VOUT, 20 mV/div, AC coupled
3. IL, 100 mA/div
Figure 32. Operating Waveforms (Medium Load)
2
ms/div
VOUT = 3.0 V, VIN = 1.2 V, IO = 25 mA., L = 22 mH, COUT = 68 mF
1. VLX, 2.0 V/div
2. VOUT, 20 mV/div, AC coupled
3. IL, 100 mA/div
Figure 33. Operating Waveforms (Heavy Load)
2
ms/div
VIN = 1.2 V, L = 22 mH
1. VOUT = 1.9 V (AC coupled), 50 mV/div
2. IO = 3.0 mA to 30 mA
Figure 34. NCP1400ASN19T1
Load Transient Response
VIN = 1.2 V, L = 22 mH
1. VOUT = 1.9 V (AC coupled), 50 mV/div
2. IO = 30 mA to 3.0 mA
Figure 35. NCP1400ASN19T1
Load Transient Response
VIN = 1.5 V, L = 22 mH
1. VOUT = 3.0 V (AC coupled), 50 mV/div
2. IO = 3.0 mA to 30 mA
Figure 36. NCP1400ASN30T1
Load Transient Response
VIN = 1.5 V, L = 22 mH
1. VOUT = 3.0 V (AC coupled), 50 mV/div
2. IO = 30 mA to 3.0 mA
Figure 37. NCP1400ASN30T1
Load Transient Response


Similar Part No. - NCP1400ASN33T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1400ASN33T1 ONSEMI-NCP1400ASN33T1 Datasheet
154Kb / 16P
   100 mA, Fixed Frequency PWM Step?뭊p Micropower Switching Regulator
March, 2006 ??Rev. 11
NCP1400ASN33T1G ONSEMI-NCP1400ASN33T1G Datasheet
154Kb / 16P
   100 mA, Fixed Frequency PWM Step?뭊p Micropower Switching Regulator
March, 2006 ??Rev. 11
More results

Similar Description - NCP1400ASN33T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1400A ONSEMI-NCP1400A Datasheet
154Kb / 16P
   100 mA, Fixed Frequency PWM Step?뭊p Micropower Switching Regulator
March, 2006 ??Rev. 11
logo
Maxim Integrated Produc...
MAX4193 MAXIM-MAX4193 Datasheet
253Kb / 14P
   CMOS Micropower Step-Up Switching Regulator
Rev 2; 9/08
MAX630 MAXIM-MAX630_V01 Datasheet
263Kb / 14P
   CMOS Micropower Step-Up Switching Regulator
2008
MAX630 MAXIM-MAX630 Datasheet
546Kb / 12P
   CMOS Micropower Step-UP Switching Regulator
Rev 0; 5/86
logo
ON Semiconductor
NCP1402 ONSEMI-NCP1402_14 Datasheet
178Kb / 18P
   PFM Step-Up Micropower Switching Regulator
July, 2014 ??Rev. 10
logo
Intersil Corporation
EL7515 INTERSIL-EL7515 Datasheet
316Kb / 9P
   High Frequency PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7515 RENESAS-EL7515 Datasheet
492Kb / 9P
   High Frequency PWM Step-Up Regulator
EL7512 RENESAS-EL7512 Datasheet
501Kb / 8P
   High Frequency PWM Step-Up Regulator
logo
Intersil Corporation
EL7515 INTERSIL-EL7515_07 Datasheet
179Kb / 9P
   High Frequency PWM Step-Up Regulator
logo
Elantec Semiconductor
EL7512C ELANTEC-EL7512C Datasheet
1Mb / 9P
   High Frequency PWM Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com