Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1400ASN27T1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1400ASN27T1
Description  100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1400ASN27T1 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1400ASN27T1 Datasheet HTML 1Page - ON Semiconductor NCP1400ASN27T1 Datasheet HTML 2Page - ON Semiconductor NCP1400ASN27T1 Datasheet HTML 3Page - ON Semiconductor NCP1400ASN27T1 Datasheet HTML 4Page - ON Semiconductor NCP1400ASN27T1 Datasheet HTML 5Page - ON Semiconductor NCP1400ASN27T1 Datasheet HTML 6Page - ON Semiconductor NCP1400ASN27T1 Datasheet HTML 7Page - ON Semiconductor NCP1400ASN27T1 Datasheet HTML 8Page - ON Semiconductor NCP1400ASN27T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2004
June, 2004 − Rev. 9
1
Publication Order Number:
NCP1400A/D
NCP1400A
100 mA, Fixed Frequency
PWM Step−Up Micropower
Switching Regulator
The NCP1400A series are micropower step−up DC to DC
converters that are specifically designed for powering portable
equipment from one or two cell battery packs. These devices are
designed to start−up with a cell voltage of 0.8 V and operate down to
less than 0.2 V. With only four external components, this series allows
a simple means to implement highly efficient converters that are
capable of up to 100 mA of output current.
Each device consists of an on−chip fixed frequency oscillator, pulse
width modulation controller, phase compensated error amplifier that
ensures converter stability with discontinuous mode operation,
soft−start, voltage reference, driver, and power MOSFET switch with
current limit protection. Additionally, a chip enable feature is provided
to power down the converter for extended battery life.
The NCP1400A device series are available in the Thin SOT23−5
package with seven standard regulated output voltages. Additional
voltages that range from 1.8 V to 4.9 V in 100 mV steps can be
manufactured.
Features
Extremely Low Start−Up Voltage of 0.8 V
Operation Down to Less than 0.2 V
Only Four External Components for Simple Highly Efficient
Converters
Up to 100 mA Output Current Capability
Fixed Frequency Pulse Width Modulation Operation
Phase Compensated Error Amplifier for Stable Converter Operation
Chip Enable Power Down Capability for Extended Battery Life
Pb−Free Packages are Available
Typical Applications
Cellular Telephones
Pagers
Personal Digital Assistants
Electronic Games
Digital Cameras
Camcorders
Handheld Instruments
White LED Torch Light
THIN SOT23−5
SN SUFFIX
CASE 483
1
5
PIN CONNECTIONS AND
MARKING DIAGRAM
1
3
GND
CE
2
OUT
NC
4
LX
5
(Top View)
xxx = Marking
Y
= Year
W
= Work Week
See detailed ordering and shipping information in the ordering
information section on page 2 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
1
3
GND
CE
2
OUT
NC
4
LX
5
VOUT
VIN
Figure 1. Typical Step−Up Converter
Application


Similar Part No. - NCP1400ASN27T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1400ASN27T1 ONSEMI-NCP1400ASN27T1 Datasheet
154Kb / 16P
   100 mA, Fixed Frequency PWM Step?뭊p Micropower Switching Regulator
March, 2006 ??Rev. 11
NCP1400ASN27T1G ONSEMI-NCP1400ASN27T1G Datasheet
154Kb / 16P
   100 mA, Fixed Frequency PWM Step?뭊p Micropower Switching Regulator
March, 2006 ??Rev. 11
More results

Similar Description - NCP1400ASN27T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1400A ONSEMI-NCP1400A Datasheet
154Kb / 16P
   100 mA, Fixed Frequency PWM Step?뭊p Micropower Switching Regulator
March, 2006 ??Rev. 11
logo
Maxim Integrated Produc...
MAX4193 MAXIM-MAX4193 Datasheet
253Kb / 14P
   CMOS Micropower Step-Up Switching Regulator
Rev 2; 9/08
MAX630 MAXIM-MAX630_V01 Datasheet
263Kb / 14P
   CMOS Micropower Step-Up Switching Regulator
2008
MAX630 MAXIM-MAX630 Datasheet
546Kb / 12P
   CMOS Micropower Step-UP Switching Regulator
Rev 0; 5/86
logo
ON Semiconductor
NCP1402 ONSEMI-NCP1402_14 Datasheet
178Kb / 18P
   PFM Step-Up Micropower Switching Regulator
July, 2014 ??Rev. 10
logo
Intersil Corporation
EL7515 INTERSIL-EL7515 Datasheet
316Kb / 9P
   High Frequency PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7515 RENESAS-EL7515 Datasheet
492Kb / 9P
   High Frequency PWM Step-Up Regulator
EL7512 RENESAS-EL7512 Datasheet
501Kb / 8P
   High Frequency PWM Step-Up Regulator
logo
Intersil Corporation
EL7515 INTERSIL-EL7515_07 Datasheet
179Kb / 9P
   High Frequency PWM Step-Up Regulator
logo
Elantec Semiconductor
EL7512C ELANTEC-EL7512C Datasheet
1Mb / 9P
   High Frequency PWM Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com