Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM26 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM26
Description  Accurate, Factory-Preset Thermostat
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM26 Datasheet(HTML) 5 Page - Texas Instruments

  LM26 Datasheet HTML 1Page - Texas Instruments LM26 Datasheet HTML 2Page - Texas Instruments LM26 Datasheet HTML 3Page - Texas Instruments LM26 Datasheet HTML 4Page - Texas Instruments LM26 Datasheet HTML 5Page - Texas Instruments LM26 Datasheet HTML 6Page - Texas Instruments LM26 Datasheet HTML 7Page - Texas Instruments LM26 Datasheet HTML 8Page - Texas Instruments LM26 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LM26
www.ti.com
SNIS115S – MAY 2001 – REVISED SEPTEMBER 2015
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM)
±2500
V(ESD)
Electrostatic discharge(1)
V
Machine Model
±250
(1)
The human body model is a 100-pF capacitor discharge through a 1.5-k
Ω resistor into each pin. The machine model is a 200-pF
capacitor discharged directly into each pin.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Specified Temperature Range (TMIN ≤ TA ≤ TMAX)
−55
125
°C
Positive Supply Voltage (V+)
2.7
5.5
V
Maximum VOUT
5.5
V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see
the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics
may degrade when the device is not operated under the listed test conditions.
7.4 Thermal Information
LM26
THERMAL METRIC(1)
DBV (SOT-23)
UNIT
5 PINS
RθJA
Junction-to-ambient thermal resistance
250
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.5 Electrical Characteristics
The following specifications apply for V
+ = 2.7 V
DC to 5.5 VDC, and VTEMP load current = 0 µA unless otherwise specified. All
limits apply for TA = TJ = TMIN to TMAX unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
TEMPERATURE SENSOR
Trip Point Accuracy (Includes VREF, DAC,
–55°C
≤ TA ≤ +110°C
±3
°C
Comparator Offset, and Temperature
TA = +120°C
±4
°C
Sensitivity errors)
HYST = GND
11
°C
Trip Point Hysteresis
HYST = V+
2
°C
VTEMP Output Temperature Sensitivity
−10.82
mV/°C
VTEMP Temperature Sensitivity Error to
−30°C ≤ TA ≤ 120°C
±3
°C
Equation:
−55°C ≤ TA
4.5 V
≤ V+ ≤ 5.5 V
±3
°C
VO = (−3.479 × 10
−6 × (T − 30)2) +
120°C,
(
−1.082 × 10−2 × (T − 30)) + 1.8015 V
TA = 30°C
±2.5
°C
Source
≤ 1 μA
0.070
mV
VTEMP Load Regulation
Sink
≤ 40 μA
0.7
mV
+2.7 V
≤ V+ ≤ +5.5 V,
VTEMP Line Regulation
−0.2
mV/V
−30°C ≤ TA ≤ +120°C
TA = 25°C
16
20
µA
IS
Supply Current
40
(1)
Limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
(2)
Typicals are at TJ = TA = 25°C and represent most likely parametric norm.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM26


Similar Part No. - LM26

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26 NSC-LM26 Datasheet
130Kb / 6P
   Adapter Interface Circuit
LM26 NSC-LM26 Datasheet
2Mb / 19P
   400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
LM26 NSC-LM26 Datasheet
733Kb / 16P
   400mA Sub-Miniature Adjustable DC-DC Converter Optimized for RF Power Amplifiers
LM26 NSC-LM26 Datasheet
428Kb / 15P
   400mA Sub-miniature, High Efficiency, Synchronous PWM & PFM Programmable DC-DC Converter
LM26 NSC-LM26 Datasheet
844Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
More results

Similar Description - LM26

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26 NSC-LM26 Datasheet
586Kb / 9P
   Accurate, Factory Preset Thermostat
LM26 NSC-LM26_07 Datasheet
283Kb / 10P
   SOT-23, 짹3째C Accurate, Factory Preset Thermostat
logo
Texas Instruments
LM27A TI1-LM27A_13 Datasheet
267Kb / 10P
[Old version datasheet]   Factory Preset Thermostat
LM26CIM5X-SHA TI1-LM26CIM5X-SHA Datasheet
292Kb / 12P
[Old version datasheet]   LM26 SOT-23, /-3C Accurate, Factory Preset Thermostat
LM26CIM5 TI-LM26CIM5 Datasheet
947Kb / 20P
[Old version datasheet]   LM26 SOT-23, 3C Accurate, Factory Preset Thermostat
logo
National Semiconductor ...
LM27 NSC-LM27_06 Datasheet
584Kb / 10P
   SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
logo
Texas Instruments
LM27 TI-LM27_15 Datasheet
981Kb / 17P
[Old version datasheet]   LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
LM27 TI1-LM27_16 Datasheet
1,015Kb / 17P
[Old version datasheet]   LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
logo
National Semiconductor ...
LM26NV NSC-LM26NV Datasheet
268Kb / 12P
   SOT-23, 짹3째C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)
LM27A NSC-LM27A Datasheet
237Kb / 10P
   짹3째C Accurate, 120째C-150째C Factory Preset Thermostat (LM27 in Die Form)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com