Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G920AT24U Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G920AT24U
Description  Low Quiescent Current Voltage Regulator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G920AT24U Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G920AT24U Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 2.1
Oct 22, 2012
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G920
Global Mixed-mode Technology
Low Quiescent Current Voltage Regulator
Features
Low current consumption (typically 4.5µA)
Output voltage accuracy ±2.5%
Drop-output voltage (typically)
2.5V @ 50mA loading
1.6V @10mA loading
Wide operating range (max 25V)
Internal over temperature protection
Excellent line regulation
Regulation <5mV @1mA loading VCC 6~25V
Good load regulation
Regulation: (typically)
40mV @VCC 7V loading 1µA to 30mA
SOT-89, SOT-23-5 and TSOT-23-5 package
available
General Description
The G920 is a three terminal positive voltage regulator
made using the CMOS process. The G920 can work in
a wide operation range from 6V to 25V. The quiescent
current is small even at high input voltage. The typical
current consumption is about 4.5µA. It is very suitable
for the battery-powered portable equipment, especially
the keep-alive system. The G920 can provide the
higher performance and a longer battery service life.
Package Type
Typical Application
Top View
1
2
3
Top View
Top View
1
2
3
SOT-89
VIN
VOUT
GND
G920
10µF
1µF
NC
SOT-23-5
5
4
1
2
3
GND
VOUT
NC
VIN
G920 T11
NC
SOT-23-5/TSOT-23-5
5
4
1
2
3
GND
NC
VOUT
VIN
G920 T12/TO2
G920 T24
GND
VIN VOUT
Top View
1
2
3
Top View
Top View
1
2
3
SOT-89
G920 T25
GND
VIN
VOUT
+
Top View
Top View
1
2
3
Top View
Top View
1
2
3
SOT-89
VIN
VOUT
GND
G920
10µF
1µF
NC
SOT-23-5
5
4
1
2
3
GND
VOUT
NC
VIN
G920 T11
NC
SOT-23-5/TSOT-23-5
5
4
1
2
3
GND
NC
VOUT
VIN
G920 T12/TO2
G920 T24
GND
VIN VOUT
Top View
Top View
1
2
3
Top View
Top View
1
2
3
SOT-89
G920 T25
GND
VIN
VOUT
+


Similar Part No. - G920AT24U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G920AT24U ETC-G920AT24U Datasheet
122Kb / 7P
   150mA Micro-power LDO Regulators
More results

Similar Description - G920AT24U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1L04 STMICROELECTRONICS-ST1L04 Datasheet
558Kb / 11P
   LOW QUIESCENT CURRENT VOLTAGE REGULATOR
logo
Global Mixed-mode Techn...
G921 GMT-G921 Datasheet
62Kb / 1P
   Low Quiescent Current Voltage Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036 Datasheet
167Kb / 7P
   Ultra-Low Quiescent Current Voltage Regulator
logo
Texas Instruments
LM9036 TI-LM9036_15 Datasheet
964Kb / 15P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036_08 Datasheet
224Kb / 10P
   Ultra-Low Quiescent Current Voltage Regulator
logo
Taiwan Semiconductor Co...
TS3480 TSC-TS3480_08 Datasheet
91Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
TS3480 TSC-TS3480 Datasheet
269Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM9036Q TI-LM9036Q_15 Datasheet
835Kb / 14P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
LM9036Q TI1-LM9036Q Datasheet
261Kb / 10P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
logo
Taiwan Semiconductor Co...
TS3480CX50 TSC-TS3480CX50 Datasheet
91Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com