Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM20 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM20
Description  LM20 2.4-V, 10-關A, SC70, DSBGA Temperature Sensor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM20_15 Datasheet HTML 5Page - Texas Instruments LM20_15 Datasheet HTML 6Page - Texas Instruments LM20_15 Datasheet HTML 7Page - Texas Instruments LM20_15 Datasheet HTML 8Page - Texas Instruments LM20_15 Datasheet HTML 9Page - Texas Instruments LM20_15 Datasheet HTML 10Page - Texas Instruments LM20_15 Datasheet HTML 11Page - Texas Instruments LM20_15 Datasheet HTML 12Page - Texas Instruments LM20_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
LM20
www.ti.com
SNIS106Q – DECEMBER 1999 – REVISED JANUARY 2015
Feature Description (continued)
Table 1. Temperature to Voltage Output Characteristic Table (continued)
TEMP
VOUT
TEMP
VOUT
TEMP
VOUT
TEMP
VOUT
TEMP
VOUT
TEMP
VOUT
TEMP
VOUT
(°C)
(V)
(°C)
(V)
(°C)
(V)
(°C)
(V)
(°C)
(V)
(°C)
(V)
(°C)
(V)
-49
2.4181
-22
2.1150
5
1.8063
32
1.4919
59
1.1719
86
0.8462
113
0.5149
-48
2.4070
-21
2.1037
6
1.7948
33
1.4802
60
1.1599
87
0.8340
114
0.5025
-47
2.3958
-20
2.0923
7
1.7832
34
1.4684
61
1.1480
88
0.8219
115
0.4901
-46
2.3847
-19
2.0810
8
1.7717
35
1.4566
62
1.1360
89
0.8097
116
0.4777
-45
2.3735
-18
2.0696
9
1.7601
36
1.4449
63
1.1240
90
0.7975
117
0.4653
-44
2.3624
-17
2.0583
10
1.7485
37
1.4331
64
1.1120
91
0.7853
118
0.4529
-43
2.3512
-16
2.0469
11
1.7369
38
1.4213
65
1.1000
92
0.7731
119
0.4405
-42
2.3401
-15
2.0355
12
1.7253
39
1.4095
66
1.0880
93
0.7608
120
0.4280
-41
2.3289
-14
2.0241
13
1.7137
40
1.3977
67
1.0760
94
0.7486
121
0.4156
-40
2.3177
-13
2.0127
14
1.7021
41
1.3859
68
1.0640
95
0.7364
122
0.4032
-39
2.3065
-12
2.0013
15
1.6905
42
1.3741
69
1.0519
96
0.7241
123
0.3907
-38
2.2953
-11
1.9899
16
1.6789
43
1.3622
70
1.0399
97
0.7119
124
0.3782
-37
2.2841
-10
1.9785
17
1.6673
44
1.3504
71
1.0278
98
0.6996
125
0.3658
-36
2.2729
-9
1.9671
18
1.6556
45
1.3385
72
1.0158
99
0.6874
126
0.3533
-35
2.2616
-8
1.9557
19
1.6440
46
1.3267
73
1.0037
100
0.6751
127
0.3408
-34
2.2504
-7
1.9442
20
1.6323
47
1.3148
74
0.9917
101
0.6628
128
0.3283
-33
2.2392
-6
1.9328
21
1.6207
48
1.3030
75
0.9796
102
0.6505
129
0.3158
-32
2.2279
-5
1.9213
22
1.6090
49
1.2911
76
0.9675
103
0.6382
130
0.3033
-31
2.2167
-4
1.9098
23
1.5973
50
1.2792
77
0.9554
104
0.6259
-30
2.2054
-3
1.8984
24
1.5857
51
1.2673
78
0.9433
105
0.6136
-29
2.1941
-2
1.8869
25
1.5740
52
1.2554
79
0.9312
106
0.6013
Solving Equation 2 for T:
(3)
7.4 Device Functional Modes
The only functional mode of the LM20 is that it has an analog output inversely proportional to temperature.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM20


Similar Part No. - LM20_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM20 TI1-LM20_16 Datasheet
1Mb / 25P
[Old version datasheet]   DSBGA Temperature Sensor
More results

Similar Description - LM20_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LLSD103A-7 TI1-LLSD103A-7 Datasheet
1Mb / 18P
[Old version datasheet]   LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
LMT89 TI-LMT89_15 Datasheet
961Kb / 21P
[Old version datasheet]   LMT89 2.4-V, 10-關A, SC70 Temperature Sensor
logo
National Semiconductor ...
LM20 NSC-LM20 Datasheet
218Kb / 9P
   LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LMT88 TI-LMT88 Datasheet
899Kb / 13P
[Old version datasheet]   LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
LMT88 TI-LMT88_15 Datasheet
967Kb / 23P
[Old version datasheet]   2.4-V, 10-關A, SC-70 Temperature Sensor
logo
National Semiconductor ...
LM20 NSC-LM20_05 Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LMT89 TI-LMT89 Datasheet
920Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10 A, SC70, Temperature Sensor
LM20 TI1-LM20_16 Datasheet
1Mb / 25P
[Old version datasheet]   DSBGA Temperature Sensor
logo
National Semiconductor ...
LM19 NSC-LM19_10 Datasheet
272Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
LM19 NSC-LM19_07 Datasheet
241Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com