Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F72 Datasheet(PDF) 42 Page - Microchip Technology

Part # PIC16F72
Description  28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F72 Datasheet(HTML) 42 Page - Microchip Technology

Back Button PIC16F72 Datasheet HTML 38Page - Microchip Technology PIC16F72 Datasheet HTML 39Page - Microchip Technology PIC16F72 Datasheet HTML 40Page - Microchip Technology PIC16F72 Datasheet HTML 41Page - Microchip Technology PIC16F72 Datasheet HTML 42Page - Microchip Technology PIC16F72 Datasheet HTML 43Page - Microchip Technology PIC16F72 Datasheet HTML 44Page - Microchip Technology PIC16F72 Datasheet HTML 45Page - Microchip Technology PIC16F72 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 136 page
background image
PIC16F72
DS39597B-page 40
 2002 Microchip Technology Inc.
TABLE 8-2:
REGISTERS ASSOCIATED WITH CAPTURE, COMPARE, AND TIMER1
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
RESETS
0Bh,8Bh
10Bh,18Bh
INTCON
GIE
PEIE
TMR0IE
INTE
RBIE
TMR0IF
INTF
RBIF
0000 000x 0000 000u
0Ch
PIR1
ADIF
SSPIF
CCP1IF
TMR2IF
TMR1IF -0-- 0000 0000 0000
8Ch
PIE1
ADIE
SSPIE
CCP1IE
TMR2IE
TMR1IE -0-- 0000 0000 0000
87h
TRISC
PORTC Data Direction Register
1111 1111 1111 1111
0Eh
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
xxxx xxxx uuuu uuuu
0Fh
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
xxxx xxxx uuuu uuuu
10h
T1CON
T1CKPS1 T1CKPS0 T1OSCEN T1SYNC TMR1CS TMR1ON --00 0000 --uu uuuu
15h
CCPR1L
Capture/Compare/PWM Register1 (LSB)
xxxx xxxx uuuu uuuu
16h
CCPR1H
Capture/Compare/PWM Register1 (MSB)
xxxx xxxx uuuu uuuu
17h
CCP1CON
CCP1X
CCP1Y
CCP1M3 CCP1M2 CCP1M1 CCP1M0 --00 0000 --00 0000
Legend:
x
= unknown, u = unchanged, - = unimplemented, read as ‘0’. Shaded cells are not used by Capture and Timer1.


Similar Part No. - PIC16F72

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F72 MICROCHIP-PIC16F72 Datasheet
151Kb / 14P
   FLASH Memory Programming Specification
2002
PIC16F72 MICROCHIP-PIC16F72 Datasheet
2Mb / 136P
   28-Pin, 8-Bit CMOS FLASH Microcontoller with A/D Converter
12/08/06
PIC16F72 MICROCHIP-PIC16F72 Datasheet
1Mb / 136P
   28-Pin, 8-Bit CMOS FLASH Microcontoller with A/D Converter
12/08/06
PIC16F72 MICROCHIP-PIC16F72 Datasheet
1Mb / 136P
   28-Pin, 8-Bit CMOS FLASH Microcontoller with A/D Converter
12/08/06
PIC16F72 MICROCHIP-PIC16F72 Datasheet
2Mb / 136P
   28-Pin, 8-Bit CMOS FLASH Microcontoller with A/D Converter
12/08/06
More results

Similar Description - PIC16F72

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F72-ISS MICROCHIP-PIC16F72-ISS Datasheet
2Mb / 136P
   28-Pin, 8-Bit CMOS FLASH Microcontoller with A/D Converter
12/08/06
PIC16F72-E MICROCHIP-PIC16F72-E Datasheet
1Mb / 136P
   28-Pin, 8-Bit CMOS FLASH Microcontoller with A/D Converter
12/08/06
PIC16F72 MICROCHIP-PIC16F72_07 Datasheet
2Mb / 136P
   28-Pin, 8-Bit CMOS FLASH Microcontoller with A/D Converter
12/08/06
PIC16LF72-I MICROCHIP-PIC16LF72-I Datasheet
1Mb / 136P
   28-Pin, 8-Bit CMOS FLASH Microcontoller with A/D Converter
12/08/06
PIC16F872 MICROCHIP-PIC16F872_06 Datasheet
2Mb / 168P
   28-Pin, 8-Bit CMOS Flash Microcontroller with 10-Bit A/D
2006
PIC16F872 MICROCHIP-PIC16F872 Datasheet
2Mb / 160P
   28-Pin, 8-Bit CMOS FLASH Microcontroller
1999
PIC12C671 MICROCHIP-PIC12C671 Datasheet
1Mb / 129P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
1999 - 2002
logo
Holtek Semiconductor In...
HT66F0182 HOLTEK-HT66F0182 Datasheet
6Mb / 116P
   A/D 8-Bit Flash MCU
logo
Microchip Technology
PIC16F87X MICROCHIP-PIC16F87X_13 Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12 1998-2013
PIC16LF877-04PT MICROCHIP-PIC16LF877-04PT Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com