Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G5016 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G5016
Description  Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5016 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G5016 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.1
Aug 01, 2013
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G5016
Global Mixed-mode Technology
Dual Ultra-Low On-Resistance Load Switch
with Controlled Turn-On
Features
Integrated Dual Channel Load Switch
Input Voltage Range: 0.8V to 5.5V
Dual Ultra-low ON-Resistance (16m
Ω)
6A Continuous Switch Current per channel
Low Threshold Control Inputs
Adjustable Slew-rate Control
Quick Output Discharge Transistor
14 Pin TDFN Package with Thermal Pad
Applications
Notebooks / Netbooks
Tablet PCs
Consumer Electronics
Set-Top-Boxes
Industrial Systems
Telecom Systems
General Description
The G5016 is dual N-channel MOSFET power switch
designed for high-side load-switching applications, and
the device has a typical RDS(ON) of 16mΩ and the out-
put current is limited to 6A. Each switch is independ-
ently controlled by an on/off input (EN1, EN2), which is
capable of interfacing directly with low-voltage GPIO
control signals.
In the G5016, a 250
Ω on-chip load resistor is added
for quick output discharge (QOD) when the switch is
turned off. The rise time of the device is internally con-
trolled in order to avoid in-rush current and can be
adjusted using a ceramic capacitor on the CTx pins.
The G5016 is available in 14 pin TDFN package.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G5016KD1U
5016
-40
°C to 85°C
TDFN2X3-14
Note: KD: TDFN2X3-14
1: Bonding Code
U: Tape & Reel
Pin Configuration
Typical Application Circuit
IN1
IN1
EN1
VBIAS
EN2
IN2
IN2
OUT1
OUT1
CT1
GND
CT2
OUT2
OUT2
G5016
TDFN2x3-14
1
2
3
4
5
6
7
8
9
12
13
14
11
10
control
VBIAS
OUT1
IN1
EN1
GND
CT1
Charge
pump
CT2
EN2
OUT2
IN2
driver
driver
10uF
VIN2
10uF
VIN1
1uF


Similar Part No. - G5016

ManufacturerPart #DatasheetDescription
logo
Heyco.
G5016 HEYCO-G5016 Datasheet
97Kb / 1P
   Tapered Caps and Plugs–SAE
More results

Similar Description - G5016

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APS8922A A-POWER-APS8922A Datasheet
965Kb / 12P
   ULTRA LOW ON RESISTANCE 6A DUAL LOAD SWITCH WITH CONTROLLED TURN ON
APE8910 A-POWER-APE8910_16 Datasheet
1Mb / 12P
   ULTRA LOW ON RESISTANCE 6A DUAL LOAD SWITCH WITH CONTROLLED TURN ON
logo
Global Mixed-mode Techn...
G5010 GMT-G5010 Datasheet
75Kb / 1P
   Dual-Low On-Resistance Load Switch with Controlled Turn-On
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
   ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Advanced Power Electron...
APE8998B A-POWER-APE8998B_16 Datasheet
575Kb / 8P
   ULTRA LOW ON RESISTANCE 4A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22930 TI1-TPS22930_16 Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com