Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

21DQ04 Datasheet(PDF) 2 Page - International Rectifier

Part # 21DQ04
Description  SCHOTTKY RECTIFIER(2 Amp)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

21DQ04 Datasheet(HTML) 2 Page - International Rectifier

  21DQ04 Datasheet HTML 1Page - International Rectifier 21DQ04 Datasheet HTML 2Page - International Rectifier 21DQ04 Datasheet HTML 3Page - International Rectifier 21DQ04 Datasheet HTML 4Page - International Rectifier 21DQ04 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
21DQ04
Bulletin PD-20707 rev. C 03/03
2
www.irf.com
Part number
21DQ04
V
R
Max. DC Reverse Voltage (V)
V
RWM
Max. Working Peak Reverse Voltage (V)
Voltage Ratings
40
V
FM
Max. Forward Voltage Drop
0.49
0.55
V
@ 2A
(1)
0.60
0.65
V
@ 4A
0.42
0.5
V
@ 2A
0.56
0.62
V
@ 4A
I
RM
Max. Reverse Leakage Current
0.01
0.50
mA
TJ = 25 °C
(1)
5.2
10
mA
T
J
= 125 °C
C
T
Typical Junction Capacitance
130
pF
V
R
= 5V
DC
(test signal range 100Khz to 1Mhz) 25°C
L
S
Typical Series Inductance
8.0
nH
Measured lead to lead 5mm from package body
T
J
= 25 °C
T
J
= 125 °C
V
R
= rated V
R
Typ.
Max.
Electrical Specifications
(1) Pulse Width < 300µs, Duty Cycle <2%
21DQ04
Parameters
Units
Conditions
I
F(AV)
Max. Average Forward Current
2
A
50% duty cycle @ T
C
= 112°C, rectangular wave form
* See Fig. 4
I
FSM
Max. Peak One Cycle Non-Repetitive
420
5µs Sine or 3µs Rect. pulse
Surge Current * See Fig. 6
70
10ms Sine or 6ms Rect. pulse
EAS
Non-Repetitive Avalanche Energy
5.0
mJ
TJ = 25 °C, IAS = 1.0 Amps, L = 10 mH
I
AR
Repetitive Avalanche Current
1.0
A
Current decaying linearly to zero in 1 µsec
Frequency limited by T
J
max. V
A
= 1.5 x V
R
typical
Absolute Maximum Ratings
Following any rated
load condition and with
rated VRRM applied
A
Parameters
21DQ04
Units
Conditions
TJ
Max. Junction Temperature Range (*)
-40 to 150
°C
Tstg
Max. Storage Temperature Range
-40 to 150
°C
R
thJA
Max. Thermal Resistance Junction
100
°C/W DC operation
to Ambient
Without cooling fin
R
thJL
Typical Thermal Resistance Junction
25
°C/W DC Operation (* See Fig. 4)
to Lead
wt
Approximate Weight
0.33(0.012) g (oz.)
Case Style
DO-204AL(DO-41)
Thermal-Mechanical Specifications
Parameters
21DQ04 Units
Conditions
<
thermal runaway condition for a diode on its own heatsink
(*) dPtot
1
dTj
Rth( j-a)


Similar Part No. - 21DQ04

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
21DQ04 NIEC-21DQ04 Datasheet
43Kb / 6P
   Low Forward Voltage drop Diode
logo
Monolithic Power System...
21DQ04 MPS-21DQ04 Datasheet
254Kb / 11P
   2A, 32V, 330KHz Step-Down Converter
logo
Vishay Siliconix
21DQ04 VISHAY-21DQ04 Datasheet
85Kb / 5P
   Schottky Rectifier, 2 A
Revision: 06-Nov-08
21DQ04 VISHAY-21DQ04 Datasheet
123Kb / 6P
   Schottky Rectifier, 2 A
Revision: 21-Sep-11
logo
New Jersey Semi-Conduct...
21DQ04 NJSEMI-21DQ04 Datasheet
142Kb / 1P
   Schottky Rectifiers
More results

Similar Description - 21DQ04

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20CJQ060 IRF-20CJQ060 Datasheet
177Kb / 4P
   SCHOTTKY RECTIFIER, 2 Amp
logo
Microsemi Corporation
CH054S MICROSEMI-CH054S Datasheet
66Kb / 1P
   2 AMP SCHOTTKY RECTIFIER DIE
logo
Central Semiconductor C...
CPD79 CENTRAL-CPD79 Datasheet
687Kb / 2P
   2 Amp Schottky Rectifier Chip
logo
Micro Commercial Compon...
SK225L MCC-SK225L Datasheet
363Kb / 2P
   2 Amp Schottky Rectifier 25 Volts
logo
Solid States Devices, I...
SSR007 SSDI-SSR007 Datasheet
50Kb / 2P
   2 AMP 25 VOLTS SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
SB220L MCC-SB220L Datasheet
384Kb / 3P
   2 Amp Schottky Rectifier 20V-100V
SB220 MCC-SB220 Datasheet
227Kb / 3P
   2 Amp Schottky Rectifier 20V-60V
SK225L MCC-SK225L_16 Datasheet
418Kb / 3P
   2 Amp Schottky Rectifier 25 Volts
SS210H-LTP MCC-SS210H-LTP Datasheet
331Kb / 2P
   2 Amp Schottky Rectifier 100 Volts
SK225L MCC-SK225L_11 Datasheet
244Kb / 3P
   2 Amp Schottky Rectifier 25 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com