Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G5196 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G5196
Description  High Efficiency, 6A Output, Synchronous Step Down1
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5196 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G5196 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.1
Nov 15, 2011
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G5196
Global Mixed-mode Technology
High Efficiency, 6A Output, Synchronous Step Down
Features
Two 20m
Ω (typical) MOSFETs for high effi-
ciency at 6A loads
200kHz to 2MHz Switching Frequency
0.8V ± 1% Voltage Reference Over Temperature
Synchronizes to External Clock
Adjustable Soft Start
UV and OV Power Good Output
Low Operating and Shutdown Quiescent Cur-
rent
Safe Start-up into Pre-Biased Output
Cycle by Cycle Current Limit, Thermal and
Frequency Fold Back Protection
Thermally Enhanced 3mm × 3mm 16-pin TQFN
and 4mm × 4mm 16-pin TQFN
Applications
Low-Voltage, High-Density Power Systems
Point of Load Regulation for High Performance
DSPs, FPGAs, ASICs and Microprocessors
Broadband, Networking and Optical Commu-
nication Infrastructure
Ordering Information
ORDER
NUMBER
Marking
TEMP.
RANGE
PACKAGE
(Green)
G5196R41U
5196
-40°C to +85°C TQFN3X3-16
G5196R41D
5196
-40°C to +85°C TQFN3X3-16
G5196R81U
5196
-40°C to +85°C TQFN4X4-16
Note: R4: TQFN3X3-16 R8:TQFN4X4-16
1: Bonding Code
U & D: Tape & Reel
General Description
The G5196 device is a full featured 5.5V, 6A synchro-
nous step down current mode converter with two inte-
grated MOSFETs.
The G5196 enables small designs by integrating the
MOSFETs, implementing current mode control to re-
duce external component count, reducing inductor size
by enabling up to 2MHz switching frequency, and
minimizing the IC footprint with a small 3mm x 3mm
(4mm x 4mm) thermally enhanced TQFN package.
The G5196 provides accurate regulation for a variety
of loads with an accurate ±1% Voltage Reference
(VREF) over temperature.
Efficiency is maximized through the integrated 20m
Ω
MOSFETs and 350µA typical supply current. Using the
enable pin, shutdown supply current is reduced to 2µA
by entering a shutdown mode.
Under voltage lockout is internally set at 2.6V, but can
be increased by programming the threshold with a
resistor network on the enable pin. The output voltage
startup ramp is controlled by the soft start pin. An open
drain power good signal indicates the output is within
93% to 107% of its nominal voltage.
Frequency fold back and thermal shutdown protects
the device during an over-current condition.
Pin Configuration
Typical Application Circuit
TQFN3X3-16/TQFN4X4-16
1
2
3
4
12
11
10
9
LX
LX
LX
SS
Thermal
Pad
VINA
VIN
GND
GND
Note: Recommend connecting the Thermal Pad to
the Ground for excellent power dissipation.
VIN
3.3V to 5.5V
CI
10µF
R3
48.7K
Ω
R4
32.4K
Ω
CSS
0.01µF
RT
182K
Ω
G5196
RC
20K
Ω
CC
470PF
VINA
VIN
EN
RT
COMP
SS
BS
LX
FB
(0.803V)
GND
AGND
EP
CBS
0.1µF
LO
1.0µH
VOUT
1.8V
CD*
CO
22*2µF
R1
100K
Ω
R2
80K
Ω
CZ*
Option
R5
100K
Ω
PG
VINA must connect to VIN
G5196
TQFN3X3-16/TQFN4X4-16
1
2
3
4
12
11
10
9
LX
LX
LX
SS
Thermal
Pad
VINA
VIN
GND
GND
Note: Recommend connecting the Thermal Pad to
the Ground for excellent power dissipation.
VIN
3.3V to 5.5V
CI
10µF
R3
48.7K
Ω
R4
32.4K
Ω
CSS
0.01µF
RT
182K
Ω
G5196
RC
20K
Ω
CC
470PF
VINA
VIN
EN
RT
COMP
SS
BS
LX
FB
(0.803V)
GND
AGND
EP
CBS
0.1µF
LO
1.0µH
VOUT
1.8V
CD*
CO
22*2µF
R1
100K
Ω
R2
80K
Ω
CZ*
Option
R5
100K
Ω
PG
VINA must connect to VIN
G5196


Similar Part No. - G5196

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5192 GMT-G5192 Datasheet
102Kb / 1P
   25m RON 3A High Side One Channel Load Switch in 1mm X1mm WLCSP package
G5193 GMT-G5193 Datasheet
128Kb / 1P
   G5193 Global Mixed-mode Technology
G5193R41U GMT-G5193R41U Datasheet
128Kb / 1P
   G5193 Global Mixed-mode Technology
G5197 GMT-G5197 Datasheet
75Kb / 1P
   3A Capable Slew Rate Controlled Load Switch With True Reverse Current Blocking.
G5198 GMT-G5198 Datasheet
34Kb / 1P
   Ultra-Low Loss Load Switch
More results

Similar Description - G5196

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8760D MPS-MP8760D Datasheet
993Kb / 25P
   High Efficiency, 6A, 18V Synchronous Step-down Converter With Output Discharge
logo
Richtek Technology Corp...
RT8073 RICHTEK-RT8073 Datasheet
289Kb / 16P
   6A, 2MHz, High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8765 MPS-MP8765 Datasheet
1Mb / 21P
   24V, 6A High Efficiency Synchronous Step-down Converter
MP8760 MPS-MP8760 Datasheet
914Kb / 24P
   High Efficiency, 6A, 18V, Synchronous, Step-Down Converter
MPQ8616-6 MPS-MPQ8616-6 Datasheet
982Kb / 29P
   High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
MPQ8632D-6 MPS-MPQ8632D-6 Datasheet
2Mb / 23P
   High Efficiency, 6A/12A, 18V Synchronous Step-down Converter
MPQ8616-12 MPS-MPQ8616-12 Datasheet
1Mb / 29P
   High Efficiency, 6A/12A, 6V Synchronous Step-Down Converter
MPQ8616 MPS-MPQ8616 Datasheet
1Mb / 29P
   High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
logo
Global Mixed-mode Techn...
G5172 GMT-G5172 Datasheet
251Kb / 2P
   High Efficiency, 4A Output, Synchronous Step Down
logo
Monolithic Power System...
EV2229-Q-00A MPS-EV2229-Q-00A Datasheet
816Kb / 6P
   High Efficiency 21V, 6A,Synchronous Step-Down Converter Evaluation Board
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com