Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R9-NBC-XS2K-GP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # R9-NBC-XS2K-GP
Description  Slim Laptop Cooling Pad
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R9-NBC-XS2K-GP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  R9-NBC-XS2K-GP Datasheet HTML 1Page - List of Unclassifed Manufacturers R9-NBC-XS2K-GP Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Really thin and very light. The NOTEPAL X-SLIM II is the laptop cooling pad you've been looking for. A metal mesh and 200mm fan cools down
hard drives, GPUs and CPUs by 10 degrees or more! Your laptop will barely feel warm. Yet it's quiet enough to use in a library. The NOTEPAL
X-SLIM II takes just a few seconds to set up. Just plug it in a USB port, place your laptop on top and you're done!
Silent 200mm fan for laptop cooling
Ergonomic design for best viewing / typing angle
Supports up to 15.6” laptops and tablets
Easy cable management
Model
R9-NBC-XS2K-GP
Color
Black
Materials
Mesh + Plastic + Rubber
Weight
0.53kg (18.7oz)
Dimensions
350 x 249 x 44 mm (13.8 x 9.8 x 1.7 inch)
Operation Degree
Fan Dimensions
200 x 15 mm (7.9 x 0.6 inch)
Fan Speed
900 ± 15% RPM
Fan Airflow
75 CFM
Fan Noise Level
21 dBA
Power
USB 5V DC
USB
USB 2.0x1
Current Consumption
0.26A
Power Consumption
1.3W
Compatibility
Supports up to 15.6" laptops
Cooler Master ™ guarantees this product against any material of
functional defect, and provides limited hardware warranty service
for one year after the date of purchase. Two years warranty for EU.
Features
Specifications
Warranty
NOTEPAL X-SLIM II
Slim Laptop Cooling Pad


Similar Part No. - R9-NBC-XS2K-GP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R9-NBC-XL2E-GP ETC2-R9-NBC-XL2E-GP Datasheet
454Kb / 2P
   Slim Laptop Cooling Pad
R9-NBC-XL2K-GP ETC2-R9-NBC-XL2K-GP Datasheet
454Kb / 2P
   Slim Laptop Cooling Pad
More results

Similar Description - R9-NBC-XS2K-GP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R9-NBC-XL2K-GP ETC2-R9-NBC-XL2K-GP Datasheet
454Kb / 2P
   Slim Laptop Cooling Pad
R9-NBS-ESEEK-GP ETC2-R9-NBS-ESEEK-GP Datasheet
430Kb / 2P
   Ergonomic Laptop Cooling Pad
R9-NBS-E32K-GP ETC2-R9-NBS-E32K-GP Datasheet
616Kb / 2P
   Ergonomic Laptop Cooling Pad
R9-NBC-LXLK-GP ETC2-R9-NBC-LXLK-GP Datasheet
223Kb / 2P
   Massive 230mm Laptop Cooling Pad
logo
Tripp Lite. All Rights ...
NC2003SR TRIPPLITE-NC2003SR Datasheet
476Kb / 2P
   Notebook Cooling Pad - Notebook-Laptop Computer Security and Stands
logo
List of Unclassifed Man...
R9-NBC-U2PK-GP ETC2-R9-NBC-U2PK-GP Datasheet
570Kb / 2P
   Movable Fan Aluminum Cooling Pad
R0-NBC-U3PK-GP ETC2-R0-NBC-U3PK-GP Datasheet
427Kb / 2P
   Movable Fan Aluminum Cooling Pad
logo
Lite-On Technology Corp...
PA-1131-26 LITEON-PA-1131-26 Datasheet
310Kb / 3P
   Laptop Power Adapter
PA-1900-88TA LITEON-PA-1900-88TA Datasheet
336Kb / 3P
   Laptop Power Adapter
PA-1131-76 LITEON-PA-1131-76 Datasheet
310Kb / 3P
   Laptop Power Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com