Electronic Components Datasheet Search |
|
DG200 Datasheet(PDF) 6 Page - Harris Corporation |
|
DG200 Datasheet(HTML) 6 Page - Harris Corporation |
6 / 8 page 9-18 DG200, DG201 Test Circuits FIGURE 5. FIGURE 6. FIGURE 7. 0V 3V LOGIC INPUT ANALOG INPUT 10V ≤2kΩ 10pF VOUT 1k Ω NOTE: All channels are turned off by high “1” logic inputs and all channels are turned on by low “0” inputs; however 0.8V to 2.4V describes the minimum range for switching properly. Peak input current required for transition is typically -120 µA. 0V 3V LOGIC INPUT ANALOG INPUT 10V 10,000pF VOUT VOUT 100 Ω 2VP-P AT 1MHz LOGIC INPUT * 51 Ω * Pull Down Resistor must be ≤ 2kΩ. Typical Applications Using the VREF Terminal The DG200 and DG201 have an internal voltage divider set- ting the TTL threshold on the input control lines for V+ equal to +15V. The schematic shown in Figure 8 with nominal resistor values, gives approximately 2.4V on the VREF pin. As the TTL input signal goes from +0.8V to +2.4V, Q1 and Q2 switch states to turn the switch ON and OFF. FIGURE 8. V+ (+15V) Q1 31k Ω VREF 6k Ω REXT Q2 GATE PROTECTION RESISTOR INPUT If the power supply voltage is less than +15V, then a resistor must be added between V+ and the VREF pin, to restore +2.4V at VREF. The table shows the value of this resistor for various supply voltages, to maintain TTL compatibility. If CMOS logic levels on a +5V supply are being used, the threshold shifts are less critical, but a separate column of suitable values is given in the table. For logic swings of -5V to + 5V, no resistor is needed. In general, the “low” logic level should be <0.8V to prevent Q1 and Q2 from both being ON together (this will cause incorrect switch function). TABLE 1. V+ SUPPLY (V) TTL RESISTOR (k Ω) CMOS RESISTOR (k Ω) +15 - - +12 100 - +10 51 - +9 (34) 34 +8 (27) 27 +7 18 18 |
Similar Part No. - DG200 |
|
Similar Description - DG200 |